Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80CPU02-F3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 80CPU02-F3
Description  Hyperfast Rectifier, 2 x 40 A FRED Pt
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

80CPU02-F3 Datasheet(HTML) 4 Page - Vishay Siliconix

  80CPU02-F3 Datasheet HTML 1Page - Vishay Siliconix 80CPU02-F3 Datasheet HTML 2Page - Vishay Siliconix 80CPU02-F3 Datasheet HTML 3Page - Vishay Siliconix 80CPU02-F3 Datasheet HTML 4Page - Vishay Siliconix 80CPU02-F3 Datasheet HTML 5Page - Vishay Siliconix 80CPU02-F3 Datasheet HTML 6Page - Vishay Siliconix 80CPU02-F3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 93457
4
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 19-Nov-10
VS-80CPU02-F3
Vishay Semiconductors
Hyperfast Rectifier,
2 x 40 A FRED Pt®
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Typical Reverse Recovery Time vs. dIF/dt
Fig. 8 - Typical Stored Charge vs. dIF/dt
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6);
PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = Rated VR
IF(AV) - Average Forward Current (A)
40
30
20
10
50
60
0
140
180
110
120
130
160
150
170
Square wave (D = 0.50)
Rated V
R applied
See note (1)
93457_05
DC
IF(AV) - Average Forward Current (A)
40
50
30
20
10
60
0
93457_06
60
70
0
20
40
30
50
10
RMS limit
D = 0.01
D = 0.02
D = 0.05
D = 0.10
D = 0.20
D = 0.50
DC
dIF/dt (A/μs)
100
93457_07
1000
10
80
30
50
70
20
40
60
Average values
I
F = 40 A, TJ = 25 °C
I
F = 40 A, TJ = 125 °C
dIF/dt (A/μs)
100
93457_08
1000
0
600
300
500
100
400
200
I
F = 40 A, TJ = 25 °C
I
F = 40 A, TJ = 125 °C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com