Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80CPU02-F3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 80CPU02-F3
Description  Hyperfast Rectifier, 2 x 40 A FRED Pt
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

80CPU02-F3 Datasheet(HTML) 1 Page - Vishay Siliconix

  80CPU02-F3 Datasheet HTML 1Page - Vishay Siliconix 80CPU02-F3 Datasheet HTML 2Page - Vishay Siliconix 80CPU02-F3 Datasheet HTML 3Page - Vishay Siliconix 80CPU02-F3 Datasheet HTML 4Page - Vishay Siliconix 80CPU02-F3 Datasheet HTML 5Page - Vishay Siliconix 80CPU02-F3 Datasheet HTML 6Page - Vishay Siliconix 80CPU02-F3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 93457
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 19-Nov-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
Hyperfast Rectifier, 2 x 40 A FRED Pt®
VS-80CPU02-F3
Vishay Semiconductors
FEATURES
• Ultrafast recovery time
• Low forward voltage drop
• Low leakage current
• 175 °C operating junction temperature
• Compliant to RoHS Directive 2002/95/EC
DESCRIPTIONS/APPLICATIONS
VS-80CPU02-F3 series are the state of the art ultrafast
recovery rectifiers designed with optimized performance of
forward voltage drop and ultrafast recovery time.
The planar structure and the platinum doped life time control
guarantee the best overall performance, ruggedness and
reliability characteristics.
These devices are intended for use in the output rectification
stage of welding, SMPS, UPS, DC/DC converters as well as
freewheeling diodes in low voltage inverters and chopper
motor drives.
Their extremely optimized stored charge and low recovery
current minimize the switching losses and reduce over
dissipation in the switching element and snubbers.
PRODUCT SUMMARY
Package
TO-247AC
IF(AV)
2 x 40 A
VR
200 V
VF at IF
1.02 V
trr (typ.)
34 ns
TJ max.
175 °C
Diode variation
Common cathode
Base
common
cathode
Common
cathode
2
2
13
Anode
1
Anode
2
TO-247AC
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
MAX.
UNITS
Repetitive peak reverse voltage
VRRM
200
V
Average rectified forward current
per leg
IF(AV)
TC = 145 °C
40
A
total device
80
Non-repetitive peak surge current per leg
IFSM
TJ = 25 °C
330
Operating junction and storage temperatures
TJ, TStg
- 65 to 175
°C
ELECTRICAL SPECIFICATIONS (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Breakdown voltage,
blocking voltage
VBR,
VR
IR = 100 μA
200
-
-
V
Forward voltage
VF
IF = 40 A
-
0.94
1.02
IF = 40 A, TJ = 150 °C
-
0.80
0.90
IF = 80 A
-
1.07
1.20
IF = 80 A, TJ = 150 °C
-
0.97
1.08
Reverse leakage current
IR
VR = VR rated
-
-
5
μA
TJ = 150 °C, VR = VR rated
-
-
500
Junction capacitance
CT
VR = 200 V
-
120
-
pF
Series inductance
LS
Measured lead to lead 5 mm from package body
-
3.5
-
nH


Similar Part No. - 80CPU02-F3

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
80CPU02 THINKISEMI-80CPU02 Datasheet
5Mb / 2P
80Amperes,200Volts Heatsink Common Cathode Ultra Fast Recovery Rectifiers
logo
Inchange Semiconductor ...
80CPU02 ISC-80CPU02 Datasheet
260Kb / 2P
Ultrafast Rectifier
More results

Similar Description - 80CPU02-F3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
20CTH03PBF VISHAY-20CTH03PBF_11 Datasheet
189Kb / 9P
Hyperfast Rectifier, 2 x 10 A FRED Pt
28-Apr-11
20CTH03SPBF VISHAY-20CTH03SPBF_10 Datasheet
177Kb / 9P
Hyperfast Rectifier, 2 x 10 A FRED Pt
11-Mar-10
30CTH02PBF VISHAY-30CTH02PBF_11 Datasheet
188Kb / 9P
Hyperfast Rectifier, 2 x 10 A FRED Pt
28-Apr-11
30CTH02SPBF VISHAY-30CTH02SPBF_10 Datasheet
173Kb / 9P
Hyperfast Rectifier, 2 x 15 A FRED Pt
11-Mar-10
80CPH03-F3 VISHAY-80CPH03-F3 Datasheet
155Kb / 7P
Hyperfast Rectifier, 2 x 40 A FRED Pt
05-Oct-10
VS-20CTH03 VISHAY-VS-20CTH03 Datasheet
176Kb / 9P
Hyperfast Rectifier, 2 x 10 A FRED Pt
11-Mar-10
VS-60CPH03PBF VISHAY-VS-60CPH03PBF Datasheet
157Kb / 8P
Hyperfast Rectifier, 2 x 30 A FRED Pt
10-Jul-15
VS-8CSH01HM3 VISHAY-VS-8CSH01HM3 Datasheet
125Kb / 6P
Hyperfast Rectifier, 2 x 4 A FRED Pt
28-Mar-17
VS-80CPH03-F3 VISHAY-VS-80CPH03-F3 Datasheet
147Kb / 7P
Hyperfast Rectifier, 2 x 40 A FRED Pt®
07-Jul-15
VS-80CPH03-N3 VISHAY-VS-80CPH03-N3_V01 Datasheet
152Kb / 7P
Hyperfast Rectifier, 2 x 40 A FRED Pt®
27-Nov-2018
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com