Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT573B Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74ACT573B
Description  OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS (NON INVERTED)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ACT573B Datasheet(HTML) 1 Page - STMicroelectronics

  74ACT573B Datasheet HTML 1Page - STMicroelectronics 74ACT573B Datasheet HTML 2Page - STMicroelectronics 74ACT573B Datasheet HTML 3Page - STMicroelectronics 74ACT573B Datasheet HTML 4Page - STMicroelectronics 74ACT573B Datasheet HTML 5Page - STMicroelectronics 74ACT573B Datasheet HTML 6Page - STMicroelectronics 74ACT573B Datasheet HTML 7Page - STMicroelectronics 74ACT573B Datasheet HTML 8Page - STMicroelectronics 74ACT573B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
April 2001
s
HIGH SPEED: tPD = 5ns (TYP.) at VCC = 5V
s
LOW POWER DISSIPATION:
ICC = 4µA(MAX.) at TA=25°C
s
COMPATIBLE WITH TTL OUTPUTS
VIH = 2V (MIN.), VIL = 0.8V (MAX.)
s
50
Ω TRANSMISSION LINE DRIVING
CAPABILITY
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 24mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 4.5V to 5.5V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 573
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74ACT573 is an advanced high-speed CMOS
OCTAL D-TYPE LATCH with 3 STATE OUTPUT
NON INVERTING fabricated with sub-micron
silicon gate and double-layer metal wiring C2MOS
technology.
These 8 bit D-Type latch are controlled by a latch
enable input (LE) and an output enable input (OE).
While the LE inputs is held at a high level, the Q
outputs will follow the data input .
When the LE is taken low, the Q outputs will be
latched precisely or inversely at the logic level of D
input data. While the
(OE) input is low, the 8
outputs will be in a normal logic state (high or low
logic level) and while high level the outputs will be
in a high impedance state.
This device is designed to interface directly High
Speed CMOS systems with TTL and NMOS
components.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
74ACT573
OCTAL D-TYPE LATCH
WITH 3 STATE OUTPUTS (NON INVERTED)
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
74ACT573B
SOP
74ACT573M
74ACT573MTR
TSSOP
74ACT573TTR
TSSOP
DIP
SOP


Similar Part No. - 74ACT573B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT573 STMICROELECTRONICS-74ACT573 Datasheet
79Kb / 11P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Apr-2001
logo
Fairchild Semiconductor
74ACT573 FAIRCHILD-74ACT573 Datasheet
88Kb / 10P
Octal Latch with 3-STATE Outputs
74ACT573 FAIRCHILD-74ACT573 Datasheet
275Kb / 13P
Octal Latch with 3-STATE Outputs
74ACT573MTC FAIRCHILD-74ACT573MTC Datasheet
88Kb / 10P
Octal Latch with 3-STATE Outputs
74ACT573MTC FAIRCHILD-74ACT573MTC Datasheet
275Kb / 13P
Octal Latch with 3-STATE Outputs
More results

Similar Description - 74ACT573B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVQ373 STMICROELECTRONICS-74LVQ373 Datasheet
75Kb / 10P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
Feb-1999
74LVQ573 STMICROELECTRONICS-74LVQ573 Datasheet
75Kb / 10P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
Feb-1999
74ACT374MTR STMICROELECTRONICS-74ACT374MTR Datasheet
243Kb / 11P
OCTAL D-TYPE FLIP-FLOP WITH 3 STATE OUTPUTS (NON INVERTED)
Apr-2001
logo
Toshiba Semiconductor
TD74BC574P TOSHIBA-TD74BC574P Datasheet
170Kb / 8P
Octal D-Type Flip-Flop with 3-State Outputs (Non-Inverted)
logo
National Semiconductor ...
MM54HC533 NSC-MM54HC533 Datasheet
101Kb / 4P
TRI-STATE-R Octal D-Type Latch with Inverted Outputs
logo
STMicroelectronics
74ACT373 STMICROELECTRONICS-74ACT373_01 Datasheet
241Kb / 11P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS (NON INVERTED)
Apr-2001
74ACT374 STMICROELECTRONICS-74ACT374_01 Datasheet
237Kb / 11P
OCTAL D-TYPE FLIP-FLOP WITH 3 STATE OUTPUTS (NON INVERTED)
Apr-2001
74ACT16373 STMICROELECTRONICS-74ACT16373 Datasheet
277Kb / 10P
16-BIT D-TYPE LATCH WITH 3-STATE OUTPUTS (NON INVERTED)
Feb-2003
74VHC373 STMICROELECTRONICS-74VHC373_04 Datasheet
306Kb / 14P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
12-Nov-2004
74VHCT373A STMICROELECTRONICS-74VHCT373A_04 Datasheet
279Kb / 13P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
16-Dec-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com