Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9847 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9847
Description  10-Bit 40 MSPS CCD Signal Processor with Integrated Timing Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9847 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9847 Datasheet HTML 9Page - Analog Devices AD9847 Datasheet HTML 10Page - Analog Devices AD9847 Datasheet HTML 11Page - Analog Devices AD9847 Datasheet HTML 12Page - Analog Devices AD9847 Datasheet HTML 13Page - Analog Devices AD9847 Datasheet HTML 14Page - Analog Devices AD9847 Datasheet HTML 15Page - Analog Devices AD9847 Datasheet HTML 16Page - Analog Devices AD9847 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
REV. A
AD9847
–13–
Bit
Default
Address
Content
Width
Value
Register Name
Register Description
HBLK # Bits 147
A4
[0]
1
01
hblkdir
HBLK Internal/External (0 = Internal, 1 = External)
A5
[0]
1
00
hblkpol
HBLK External Active Polarity (0 = Low Active, 1 = High Active)
A6
[0]
1
01
hblkextmask
HBLK External Masking Polarity (0 = Mask H1 and H3 Low,
1 = Mask H1 and H3 High)
A7
[0]
1
01
hblkmask0
Sequence #0: Masking Polarity for HBLK
A8
[5:0]
6
3E
hblktog1_0[5:0]
Sequence #0: Toggle Low Position for HBLK
A9
[5:0]
6
00
hblktog1_0[11:6]
AA
[5:0]
6
0D
hblkbtog2_0[5:0]
Sequence #0: Toggle High Position for HBLK
AB
[5:0]
6
06
hblkbtog2_0[11:6]
AC
[0]
1
01
hblkmask1
Sequence #1: Masking Polarity for HBLK
AD
[5:0]
6
38
hblktog1_1[5:0]
Sequence #1: Toggle Low Position for HBLK
AE
[5:0]
6
00
hblktog1_1[11:6]
AF
[5:0]
6
3C
hblktog2_1[5:0]
Sequence #1: Toggle High Position for HBLK
B0
[5:0]
6
02
hblktog2_1[11:6]
B1
[0]
1
00
hblkmask2
Sequence #2: Masking Polarity for HBLK
B2
[5:0]
6
3F
hblktog1_2[5:0]
Sequence #2: Toggle Low Position for HBLK
B3
[5:0]
6
3F
hblktog1_2[11:6]
B4
[5:0]
6
3F
hblktog2_2[5:0]
Sequence #2: Toggle High Position for HBLK
B5
[5:0]
6
3F
hblktog2_2[11:6]
B6
[0]
1
01
hblkmask3
Sequence #3: Masking Polarity for HBLK
B7
[5:0]
6
3F
hblktog1_3[5:0]
Sequence #3: Toggle Low Position for HBLK
B8
[5:0]
6
3F
hblktog1_3[11:6]
B9
[5:0]
6
3F
hblktog2_3[5:0]
Sequence #3: Toggle High Position for HBLK
BA
[5:0]
6
3F
hblktog2_3[11:6]
000
hblkscp0
HBLK Sequence-Change-Position #0 (Hardcoded to 0)
BB
[1:0]
2
00
hblksptr0
HBLK Sequence Pointer for SCP #0
BC
[5:0]
6
3F
hblkscp1[5:0]
HBLK Sequence-Change-Position #1
BD
[5:0]
6
3F
hblkscp1[11:6]
BE
[1:0]
2
00
hblksptr1
HBLK Sequence Pointer for SCP #1
BF
[5:0]
6
3F
hblkscp2[5:0]
HBLK Sequence-Change-Position #2
C0
[5:0]
6
3F
hblkscp2[11:6]
C1
[1:0]
2
00
hblksptr2
HBLK Sequence Pointer for SCP #2
C2
[5:0]
6
3F
hblkscp3[5:0]
HBLK Sequence-Change-Position #3
C3
[5:0]
6
3F
hblkscp3[11:6]
C4
[1:0]
2
00
hblksptr3
HBLK Sequence Pointer for SCP #3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com