Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9847 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9847
Description  10-Bit 40 MSPS CCD Signal Processor with Integrated Timing Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9847 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9847 Datasheet HTML 17Page - Analog Devices AD9847 Datasheet HTML 18Page - Analog Devices AD9847 Datasheet HTML 19Page - Analog Devices AD9847 Datasheet HTML 20Page - Analog Devices AD9847 Datasheet HTML 21Page - Analog Devices AD9847 Datasheet HTML 22Page - Analog Devices AD9847 Datasheet HTML 23Page - Analog Devices AD9847 Datasheet HTML 24Page - Analog Devices AD9847 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
REV. A
AD9847
–21–
ANALOG FRONT END DESCRIPTION AND OPERATION
The AD9847 signal processing chain is shown in Figure 15.
Each processing step is essential in achieving a high quality
image from the raw CCD pixel data.
DC Restore
To reduce the large dc offset of the CCD output signal, a
dc-restore circuit is used with an external 0.1
µF series coupling
capacitor. This restores the dc level of the CCD signal to approxi-
mately 1.5 V, to be compatible with the 3 V analog supply of the
AD9847.
Correlated Double Sampler
The CDS circuit samples each CCD pixel twice to extract the video
information and reject low frequency noise. The timing shown
in Figure 6 illustrates how the two internally generated CDS
clocks, SHP and SHD, are used to sample the reference level and
data level of the CCD signal, respectively. The placement of the
SHP and SHD sampling edges is determined by the setting of
the SHPPOSLOC and SHDPOSLOC registers located at
Addresses 0xF0 and 0xF1, respectively. Placement of these two
clock signals is critical in achieving the best performance from
the CCD.
Input Clamp
A line-rate input clamping circuit is used to remove the CCD’s
optical black offset. This offset exists in the CCD’s shielded black
reference pixels. The AD9847 removes this offset in the input
stage to minimize the effect of a gain change on the system black
level, usually called the “gain step.”
Another advantage of removing this offset at the input stage is to
maximize system headroom. Some area CCDs have large black
level offset voltages, which, if not corrected at the input stage, can
significantly reduce the available headroom in the internal circuitry
when higher VGA gain settings are used.
Horizontal timing examples are shown on the last page of the
Applications Information section. It is recommended that the
CLPDM pulse be used during valid CCD dark pixels. CLPDM
may be used during the optical black pixels, either together with
CLPOB or separately. The CLPDM pulse should be a minimum
of four pixels wide.
PxGA
The PxGA provides separate gain adjustment for the individual
color pixels. A programmable gain amplifier with four separate
values, the PxGA has the capability to “multiplex” its gain value
on a pixel-to-pixel basis (see Figure 17). This allows lower out-
put color pixels to be gained up to match higher output color
pixels. Also, the PxGA may be used to adjust the colors for white
balance, reducing the amount of digital processing that is needed.
The four different gain values are switched according to the
Color Steering circuitry. Seven different color steering modes
for different types of CCD color filter arrays are programmed
in the AD9847 AFE Register, ctlmode, at Address 0x06
(see Figures 16a to 16g for timing examples). For example,
Mosaic Separate steering mode accommodates the popular
“Bayer” arrangement of red, green, and blue filters (see Figure 18).
0.1 F
0.1 F
0.1 F
1.0 F
1.0 F
0.1 F
0.1 F
0dB TO 36dB
CLPDM
CCDIN
DIGITAL
FILTER
CLPOB
DC RESTORE
OPTICAL BLACK
CLAMP
10-BIT
ADC
VGA
8-BIT
DAC
CLAMP LEVEL
REGISTER
8
VGA GAIN
REGISTER
10
CDS
INTERNAL
VREF
2V FULL SCALE
–2dB TO +10dB
10
PRECISION
TIMING
GENERATION
BYP1
BYP 2
SHP
SHD
PxGA
1.5V
OUTPUT
DATA
LATCH
REFT
REFB
DOUT
PHASE
V-H
TIMING
GENERATION
SHP SHD
DOUT
PHASE
CLPDM CLPOB PBLK
PBLK
1.0V
2.0V
DOUT
BYP 3
INPUT OFFSET
CLAMP
CML
AVDD
2
INTERNAL
BIASING
AD9847
Figure 15. Analog Front End Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com