Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVSPXBCR4 Datasheet(PDF) 1 Page - TT Electronics.

Part # OVSPXBCR4
Description  Low thermal resistance
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVSPXBCR4 Datasheet(HTML) 1 Page - TT Electronics.

  OVSPXBCR4 Datasheet HTML 1Page - TT Electronics. OVSPXBCR4 Datasheet HTML 2Page - TT Electronics. OVSPXBCR4 Datasheet HTML 3Page - TT Electronics. OVSPXBCR4 Datasheet HTML 4Page - TT Electronics. OVSPXBCR4 Datasheet HTML 5Page - TT Electronics. OVSPXBCR4 Datasheet HTML 6Page - TT Electronics. OVSPXBCR4 Datasheet HTML 7Page - TT Electronics. OVSPXBCR4 Datasheet HTML 8Page - TT Electronics. OVSPXBCR4 Datasheet HTML 9Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
°
OVSPxBCR4 Series
© TT electronics plc
Issue A
11/2016
Page 1
TT Electronics | Optek Technology, Inc.
1645 Wallace Drive, Ste. 130, Carrollton, TX USA 75006 |Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Description:
The OVSPxBCR4 Series is an energy-efficient packaged LED source that offers high luminance, and a long operating lifespan.
These devices offer a 120° viewing angle and an ultra-low profile (1.5mm) making them highly suitable for conventional
lighting and specialized applications. Optional optics are offered to suit application. Please contact OPTEK for more
information.
Applications:
Automotive exterior and interior lighting
Architectural indoor and outdoor lighting
General lighting
Electronic signs and signals
Features:
Robust energy-efficient design with long operating life
Low thermal resistance
High luminous intensity
Optional optics to suit application
Part Number
Viewing
Angle
Material
Emitted Color
Typical Luminous
Flux (lm)
Lens Color
120°
OVSPRBCR4
AllnGaP
Red
42
Water Clear
OVSPYBCR4
AllnGaP
Yellow
34
Water Clear
OVSPW1BCR4
InGaN
White
90
Water Clear
DO NOT LOOK DIRECTLY
AT LED WITH
UNSHIELDED EYES OR
DAMAGE TO RETINA MAY
RoHS
Moisture
2a
WHITE


Similar Part No. - OVSPXBCR4

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVSPXBCR44 TTELEC-OVSPXBCR44 Datasheet
1Mb / 11P
1-Watt SMD 6mm With Dome Lens
More results

Similar Description - OVSPXBCR4

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFI734GPBF IRF-IRFI734GPBF Datasheet
282Kb / 8P
Low Thermal Resistance
logo
List of Unclassifed Man...
PC99 ETC2-PC99 Datasheet
664Kb / 1P
Low thermal resistance
logo
Integrated Technology F...
TCS050T ITF-TCS050T Datasheet
106Kb / 1P
Low thermal resistance
TCS080T ITF-TCS080T Datasheet
106Kb / 1P
Low thermal resistance
logo
M/A-COM Technology Solu...
MA4P504-1072 MA-COM-MA4P504-1072 Datasheet
677Kb / 5P
Low Thermal Resistance
logo
Sangdest Microelectroni...
ST3060DJF SMC-ST3060DJF Datasheet
131Kb / 4P
Low thermal resistance
logo
Ohmite Mfg. Co.
RES-TEH70 OHMITE-RES-TEH70 Datasheet
331Kb / 2P
Low thermal resistance
logo
STMicroelectronics
STGB30M65DF2 STMICROELECTRONICS-STGB30M65DF2 Datasheet
881Kb / 18P
Low thermal resistance
11-Apr-2017
STGB30V60F STMICROELECTRONICS-STGB30V60F Datasheet
1Mb / 19P
Low thermal resistance
08-Apr-2014
STGW80H65FB STMICROELECTRONICS-STGW80H65FB Datasheet
1Mb / 18P
Low thermal resistance
13-Jun-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com