Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVSPXBCR4 Datasheet(PDF) 2 Page - TT Electronics.

Part # OVSPXBCR4
Description  Low thermal resistance
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVSPXBCR4 Datasheet(HTML) 2 Page - TT Electronics.

  OVSPXBCR4 Datasheet HTML 1Page - TT Electronics. OVSPXBCR4 Datasheet HTML 2Page - TT Electronics. OVSPXBCR4 Datasheet HTML 3Page - TT Electronics. OVSPXBCR4 Datasheet HTML 4Page - TT Electronics. OVSPXBCR4 Datasheet HTML 5Page - TT Electronics. OVSPXBCR4 Datasheet HTML 6Page - TT Electronics. OVSPXBCR4 Datasheet HTML 7Page - TT Electronics. OVSPXBCR4 Datasheet HTML 8Page - TT Electronics. OVSPXBCR4 Datasheet HTML 9Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
© TT electronics plc
Issue A
11/2016
Page 2
TT Electronics | Optek Technology, Inc.
1645 Wallace Drive, Ste. 130, Carrollton, TX USA 75006 |Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
°
OVSPxBCR4 Series
Absolute Maximum Ratings (TA = 25° C unless otherwise noted)
Red, Yellow
White
DC Forward Current
400mA
350mA
Peak Pulsed Forward Current
1
500mA
1000mA
Reverse Voltage
12V
Not designed for reverse
bias
Junction Temperature
2
125°C
150°C
Power Dissipation
1200mW
1200mW
Storage and Operating Temperature
-40° ~ +100 ° C
-40° ~ +100 ° C
MSL Level (IPC/JEDEC J-STD-020C)
2a / 672 Hrs
2a / 672 Hrs
ESD Threshold (HBM)
Class 2
Class 2
Electrical Specifications
Notes:
1.
Pulse width tp ≤ 10µs, Duty cycle = 0.1
2.
Thermal conductivity = 20K/W for red, yellow, green, blue; and 18K/W for white
Optical and Electrical Characteristics—Red, Yellow (IF = 400 mA, TA = 25° C)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
VF
Forward Voltage
2.2
2.5
2.8
V
Φ
Luminous Flux
Red
33
42
54
lm
Yellow
27
34
42
lm
λD
Dominant Wavelength
Red
620
625
630
nm
Yellow
585
591
597
nm
IR
Reverse Current
----
100
----
µA
2 Θ½
50% Power Angle
----
120
----
deg
Optical and Electrical Characteristics—White (IF = 350 mA, TA = 25° C)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
VF
Forward Voltage
3.0
3.5
4.0
V
Φ
67
90
113
lm
Luminous Flux
2 Θ½
50% Power Angle
----
120
----
deg



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com