Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS19706CS Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS19706CS
Description  Primary-Side Feedback Control
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19706CS Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS19706CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19706CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19706CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19706CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19706CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19706CS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19706CS Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19706CS Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS19706CS Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TS19706CS
Taiwan Semiconductor
2
Version: A1605
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
(Note 1)
PARAMETER
SYMBOL
LIMIT
UNIT
DRN Pin Voltage to GND
VDRN
630
V
Power supply pin
VCC
40
V
DMG voltage to GND
VDMG
-0.3 to 40
V
CS voltage to GND
VCS
-0.3 to 5.5
V
COM voltage to GND
VCOM
-0.3 to 5.5
V
Junction Temperature Range
TJ
-40 to +150
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Power Dissipation @TA=50 °C
PD
0.4
W
ESD Rating (Human Body Model)
(Note 2)
ESD
2
kV
THERMAL PERFORMANCE
(Note 3)
PARAMETER
SYMBOL
LIMIT
UNIT
Thermal Resistance - Junction to Case
RӨJC
50
oC/W
Thermal Resistance - Junction to Ambient
RӨJA
208
oC/W
RECOMMENDED OPERATING CONDITION (TA = 25°C unless otherwise specified)
(Note 4)
PARAMETER
SYMBOL
LIMIT
UNIT
DRN Pin Voltage to GND
VDRN
600
V
Power supply pin
VCC
33
V
DMG voltage to GND
VDMG
-0.3 to 10
V
CS voltage to GND
VCS
-0.3 to 5
V
COM voltage to GND
VCOM
-0.3 to 5
V
Operating Junction Temperature Range
TJ
-40 to +125
°C
Operating Ambient Temperature Range
TOPA
-40 to +85
°C
ELECTRICAL SPECIFICATIONS (TA = 25°C unless otherwise specified)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNIT
Supply Voltage
Turn-on Voltage
VCC_ON
14.3
15.3
16.3
V
Turn-off Voltage
VCC_OFF
7.3
7.8
8.3
V
Quiescent Current 1
IQ1
VCC=12V, @ VCC off
--
25
37.5
µA
Quiescent Current 2
IQ2
Start-up @ 4.5kHz
--
550
825
µA
Operation Supply Current
ICC
--
1.5
2.5
mA
Protection
VCC voltage protection
VOVPA
32.3
34
35.7
V
Output voltage protection
VOVPS
9.5
10
10.5
V
CS limit voltage
VOCP
1.2
1.35
1.5
V
CS limit voltage (start-up)
VOCP_STR
--
0.43
--
V
Short circuit protection
(Note 5)
VSCP
--
3.0
--
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com