Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS19706CS Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS19706CS
Description  Primary-Side Feedback Control
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19706CS Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS19706CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19706CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19706CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19706CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19706CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19706CS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19706CS Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19706CS Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS19706CS Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TS19706CS
Taiwan Semiconductor
1
Version: A1605
Single-Stage Flyback or Buck-Boost Current Control
with Active PFC and Integrated High Voltage MOSFET
DESCRIPTION
TS19706CS is a very efficient constant current
controller IC for low cost non-dimmable LED lighting
applications. The TS19706CS is configurable for either
isolated primary side Flyback regulation or non-
isolated
buck-boost
current
regulation
topology.
Integrated 630V Power MOSFET and active power
factor correction in Flyback mode reduces the external
components required and BOM for implementation.
The IC achieves high power factor correction and low
total
harmonic
distortion
(THD)
with
Boundary
Conduction
Mode
(BCM)
operation.
Temperature
compensation of line/load regulation allows constant
current
accuracy
to
be
maintained
to
<±3%.
TS19706CS
also
provides
over
temperature
protection, VCC overvoltage protection, and system
output open and short circuit protection.
FEATURES
● Integrated 630V MOSFET
● Constant Current Accuracy within <±3%
● Primary-Side Feedback Control
● Application Voltage Range 80 VAC ~ 308 VAC
● Transition-Mode PFC Operation
● Built-in Active Power Factor Correction
● Good Line and Load Regulation
● Open-LED Protection on DMG pin
● Over-Voltage Protection on VCC pin
● Short-LED Protection
● Cycle-by-Cycle Over Current Protection on CS pin
● Over-Temperature Protection
● Compliant to RoHS Directive 2011/65/EU and
WEEE 2002/96/EC.
● Halogen-free according to IEC 61249-2-21.
APPLICATION
● LED lighting
● Down lights, Tube lamps, PAR Lamps, Bulbs
SOP-8
Pin Definition:
1. GND
8. CS
2. COM
7. NC
3. DMG
6. DRN
4. VCC
5. DRN
Notes: MSL 3 (Moisture Sensitivity Level) per J-STD-020
TYPICAL APPLICATION CIRCUIT
Flyback Converter
Buck-Boost Converter


Similar Part No. - TS19706CS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19701A TSC-TS19701A Datasheet
216Kb / 9P
CC/CV Primary-Side PWM Controller Power on Soft-start
TS19701ACX6RFG TSC-TS19701ACX6RFG Datasheet
216Kb / 9P
CC/CV Primary-Side PWM Controller Power on Soft-start
TS19702 TSC-TS19702 Datasheet
411Kb / 9P
High Power Factor Corrector LED Driver
TS19702 TSC-TS19702 Datasheet
1Mb / 9P
High Power Factor Corrector LED Driver
TS19702CX6-RFG TSC-TS19702CX6-RFG Datasheet
411Kb / 9P
High Power Factor Corrector LED Driver
More results

Similar Description - TS19706CS

ManufacturerPart #DatasheetDescription
logo
Shenzhen Xinmao Microel...
LP2775 LANDP-LP2775 Datasheet
518Kb / 7P
Low power primary feedback control chip
LP2792 LANDP-LP2792 Datasheet
514Kb / 7P
Low power primary feedback control chip
LP3716CS LANDP-LP3716CS Datasheet
500Kb / 7P
Low power primary feedback control chip
LP3773B LANDP-LP3773B Datasheet
528Kb / 7P
Low power primary feedback control chip
LP3773C LANDP-LP3773C Datasheet
530Kb / 7P
Low power primary feedback control chip
LP3773D LANDP-LP3773D Datasheet
537Kb / 7P
Low power primary feedback control chip
LP3783B LANDP-LP3783B Datasheet
539Kb / 7P
Low power primary feedback control chip
LP3783BM LANDP-LP3783BM Datasheet
543Kb / 7P
Low power primary feedback control chip
S9111A LANDP-S9111A Datasheet
529Kb / 7P
Low power primary feedback control chip
S9111C LANDP-S9111C Datasheet
529Kb / 7P
Low power primary feedback control chip
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com