Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C11980 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C11980
Description  Lena Reflector
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C11980 Datasheet(HTML) 1 Page - Ledil, Inc.

  C11980 Datasheet HTML 1Page - Ledil, Inc. C11980 Datasheet HTML 2Page - Ledil, Inc. C11980 Datasheet HTML 3Page - Ledil, Inc. C11980 Datasheet HTML 4Page - Ledil, Inc. C11980 Datasheet HTML 5Page - Ledil, Inc. C11980 Datasheet HTML 6Page - Ledil, Inc. C11980 Datasheet HTML 7Page - Ledil, Inc. C11980 Datasheet HTML 8Page - Ledil, Inc. C11980 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 123 page
background image
PRODUCT DATASHEET
Lena series
last update 30/1/2017
DETAILS
Product Number
C11980_LENA-W
Family
Lena
Type
Reflector
Color
metal
Diameter
111 mm
Height
80 mm
Style
round
Optic Material
PC
Holder Material
Fastening
Status
production ready
ROHS Compliant
Yes
Date Updated
30/01/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
V13 Gen7
sim: 44
Wide
sim: 87 % sim: 1.700 IDEAL: 50-2103CT + 50-2100LN
BXRA ES Rectangle
46 deg
Wide
74 %
-
-
BXRA RS
51 deg
Wide
81 %
-
-
BXRA RS
51 deg
Wide
76 %
-
-
V10 Gen6
39 deg
Wide
74 %
1.870
-
V22 Gen7
sim: 51
Wide
sim: 87 % sim: 1.415 Bender Wirth: 431 Typ L3
VERO29
57 deg
Wide
76 %
0.950
-
V22 Gen7
sim: 51
Wide
sim: 87 % sim: 1.402 Bender Wirth: 431 Typ L3
V10 Gen7
sim: 46
Wide
sim: 88 % sim: 1.770 Bender Wirth: 434 Typ L1
VERO13
48 deg
Wide
80 %
1.180
-
VERO18
52 deg
Wide
80 %
1.210
-
V10 Gen7
sim: 44
Wide
sim: 81 % sim: 1.690 Bender Wirth: 434 Typ L1
V13 Gen7
sim: 47
Wide
sim: 82 % sim: 1.470 Bender Wirth: 477 Typ L1
V13 Gen7
sim: 42
Wide
sim: 85 % sim: 1.600 IDEAL: 50-2103CT + 50-2100LN
CLL04x/CLU04x
50 deg
Wide
81 %
1.400
IDEAL: 50-2204CT + 50-2100LN
CL-L340
45 deg
Wide
75 %
1.400
-
CLL03x/CLU03x
47 deg
Wide
85 %
1.700
-
CLU720/721
44 deg
Wide
81 %
1.600
-
CLL04x/CLU04x
52 deg
Wide
86 %
1.400
-
CLL03x/CLU03x
47 deg
Wide
80 %
1.400
-
CLU720/721
46 deg
Wide
76 %
1.300
-
CLL04x/CLU04x
46 deg
Wide
76 %
1.090
-
CLL03x/CLU03x
47 deg
Wide
81 %
1.300
Bender Wirth: 433 Typ L1
CLU700/701
39 deg
Wide
81 %
1.900
Bender Wirth: 434 Typ L1
CLL02x/CLU02x (LES10)
45 deg
Wide
81 %
1.500
Bender Wirth: 434 Typ L1
February 5th 2018 3:09 Copyright Ledil Oy - Subject to change without prior notice - Page 1/9
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C11980

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C11981 LEDIL-C11981 Datasheet
4Mb / 3P
Basepart for LENA/LENINA reflectors
logo
General Cable Technolog...
C119811 GENERAL-C119811 Datasheet
37Kb / 1P
1C 11 19/24 BC FMPE OAS PVC
More results

Similar Description - C11980

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CN13191 CREE-CN13191 Datasheet
382Kb / 6P
Lena series
CN13192 CREE-CN13192 Datasheet
379Kb / 6P
Lena series
CN13193 CREE-CN13193 Datasheet
380Kb / 5P
Lena series
CN14088 CREE-CN14088 Datasheet
2Mb / 35P
Lena series
CN14090 CREE-CN14090 Datasheet
1Mb / 33P
Lena series
CN12367 CREE-CN12367 Datasheet
424Kb / 5P
Lena series
logo
Ledil, Inc.
C11979 LEDIL-C11979 Datasheet
7Mb / 176P
Lena Reflector
C12154 LEDIL-C12154 Datasheet
9Mb / 225P
Lena Reflector
C12948 LEDIL-C12948 Datasheet
11Mb / 268P
Lena Reflector
C13101 LEDIL-C13101 Datasheet
7Mb / 151P
Lena Reflector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com