Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C11980 Datasheet(PDF) 2 Page - Ledil, Inc.

Part # C11980
Description  Lena Reflector
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C11980 Datasheet(HTML) 2 Page - Ledil, Inc.

  C11980 Datasheet HTML 1Page - Ledil, Inc. C11980 Datasheet HTML 2Page - Ledil, Inc. C11980 Datasheet HTML 3Page - Ledil, Inc. C11980 Datasheet HTML 4Page - Ledil, Inc. C11980 Datasheet HTML 5Page - Ledil, Inc. C11980 Datasheet HTML 6Page - Ledil, Inc. C11980 Datasheet HTML 7Page - Ledil, Inc. C11980 Datasheet HTML 8Page - Ledil, Inc. C11980 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 123 page
background image
PRODUCT DATASHEET
Lena series
last update 30/1/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
CLL04x/CLU04x
49 deg
Wide
77 %
1.200
IDEAL: 50-2204CT + 50-2100LN
CLL03x/CLU03x
45 deg
Wide
79 %
1.400
A.A.G. STUCCHI: 8101/G2 + S-8000/11
CLL04x/CLU04x
50 deg
Wide
73 %
1.000
A.A.G. STUCCHI: 8102/G2 + S-8000/12
CXA/B 30xx
sim: 42
Wide
sim: 86 % sim: 1.600 IDEAL: 50-2234C + 50-2100LN
CXA2011
42 deg
Wide
75 %
-
-
CXA/B 15xx
38 deg
Wide
77 %
1.910
-
CXA/B 25xx
44 deg
Wide
81 %
1.500
-
CXA/B 25xx
44 deg
Wide
76 %
1.300
-
CXA/B 15xx
44 deg
Wide
81 %
1.700
Bender Wirth: 441 Typ L1
CXA/B 30xx
NULL deg
Wide
sim: 81 % sim: 1.500 IDEAL: 50-2234C + 50-2100LN
CHI3030 29W
53 deg
Wide
78 %
1.000
Bender Wirth: 468 Typ L3
CHI3030 19W
50 deg
Wide
81 %
1.200
Bender Wirth: 468 Typ L3
LUXEON CoB 1216/1812
51 deg
Wide
79 %
1.350
A.A.G. STUCCHI: 8102/G2 + S-8000/12
LUXEON CoB 1208
46 deg
Wide
73 %
1.400
-
LUXEON CoB 1204/1205
44 deg
Wide
68 %
1.200
-
LUXEON CoB 1208
46 deg
Wide
68 %
1.100
-
LUXEON CoB 1216/1812
51 deg
Wide
86 %
1.460
LEDiL: LEDiL
LUXEON CoB 1216/1812
50 deg
Wide
81 %
1.200
-
LUXEON K12
45 deg
Wide
74 %
1.400
-
LUXEON K16
46 deg
Wide
72 %
1.300
-
LUXEON CoB 1216/1812
50 deg
Wide
75 %
0.980
A.A.G. STUCCHI: 8102/G2 + S-8000/12
CXM-14
48 deg
Wide
78 %
1.300
LEDiL: LEDiL
CXM-14
NULL deg
Wide
sim: 86 % sim: 1.600 Bender Wirth: 433 Typ L1
CXM-9
NULL deg
Wide
sim: 86 % sim: 1.900 Bender Wirth: 434 Typ L1
CXM-14
NULL deg
Wide
sim: 81 % sim: 1.300 Bender Wirth: 433 Typ L1
CXM-9
NULL deg
Wide
sim: 81 % sim: 1.500 Bender Wirth: 434 Typ L1
COB L-Type (LES 9)
45 deg
Wide
79 %
1.400
Bender Wirth: 438 Typ L1
COB J-Type
49 deg
Wide
79 %
1.200
Bender Wirth: 463 Typ L2
COB L-Type (LES 11)
46 deg
Wide
79 %
1.400
Bender Wirth: 438 Typ L1
Soleriq S15
sim: 48
Wide
sim: 88 % sim: 1.640 -
Soleriq E30
49 deg
Wide
82 %
1.400
-
Soleriq E30
50 deg
Wide
76 %
1.100
-
Soleriq S19
50 deg
Wide
78 %
1.200
Bender Wirth: 462 Typ L3
Soleriq P9
45 deg
Wide
81 %
1.400
Bender Wirth: 461 Typ L1
Soleriq P13
48 deg
Wide
79 %
1.300
Bender Wirth: 437 Typ L1
Soleriq S13
47 deg
Wide
78 %
1.400
Bender Wirth: 437 Typ L1
Soleriq P13
43 deg
Wide
77 %
1.350
IDEAL: 50-2101CR + 50-2100LN
COB D Series LES 14.5 mm
49 deg
Wide
81 %
1.300
-
COB D Series LES 22 mm
51 deg
Wide
81 %
1.200
-
ZC12/18
48 deg
Wide
77 %
1.300
-
ZC12/18
NULL deg
Wide
sim: 86 % sim: 1.600 Bender Wirth: 433 Typ L1
ZC4/6
NULL deg
Wide
sim: 86 % sim: 1.900 Bender Wirth: 434 Typ L1
February 5th 2018 3:09 Copyright Ledil Oy - Subject to change without prior notice - Page 2/9
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com