Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C12948 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C12948
Description  Lena Reflector
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C12948 Datasheet(HTML) 1 Page - Ledil, Inc.

  C12948 Datasheet HTML 1Page - Ledil, Inc. C12948 Datasheet HTML 2Page - Ledil, Inc. C12948 Datasheet HTML 3Page - Ledil, Inc. C12948 Datasheet HTML 4Page - Ledil, Inc. C12948 Datasheet HTML 5Page - Ledil, Inc. C12948 Datasheet HTML 6Page - Ledil, Inc. C12948 Datasheet HTML 7Page - Ledil, Inc. C12948 Datasheet HTML 8Page - Ledil, Inc. C12948 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 268 page
background image
PRODUCT DATASHEET
Lena series
last update 27/10/2017
DETAILS
Product Number
C12948_LENA-WAS
Family
Lena
Type
Reflector
Color
metal
Diameter
111 mm
Height
37 mm
Style
round
Optic Material
PC
Holder Material
Fastening
glue
Status
production ready
ROHS Compliant
Yes
Date Updated
27/10/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
V13 Gen7
sim: AsymmetricAsymmetric sim: 88 % sim: 1.310 IDEAL: 50-2103CT + 50-2100LN
BXRA ES Rectangle
Asymmetric degAsymmetric 80 %
1.130
-
BXRA RS
Asymmetric degAsymmetric 80 %
0.900
-
BXRA ES Rectangle
Asymmetric degAsymmetric 77 %
0.460
-
BXRA RS
Asymmetric degAsymmetric 75 %
0.800
-
V10 Gen6
Asymmetric degAsymmetric 83 %
0.920
-
VERO29
Asymmetric degAsymmetric 87 %
0.830
-
VERO29
Asymmetric degAsymmetric 82 %
0.720
-
V22 Gen7
sim: AsymmetricAsymmetric sim: 90 % sim: 1.063 Bender Wirth: 431 Typ L3
V22 Gen7
sim: AsymmetricAsymmetric sim: 92 % sim: 1.139 Bender Wirth: 431 Typ L3
VERO13
Asymmetric degAsymmetric 91 %
1.300
-
VERO18
Asymmetric degAsymmetric 90 %
1.100
-
V10 Gen7
sim: AsymmetricAsymmetric sim: 88 % sim: 1.350 Bender Wirth: 434 Typ L1
V13 Gen7
sim: AsymmetricAsymmetric sim: 88 % sim: 1.230 Bender Wirth: 477 Typ L1
VERO13
Asymmetric degAsymmetric 87 %
1.050
-
VERO18
Asymmetric degAsymmetric 86 %
0.930
-
V10 Gen7
sim: AsymmetricAsymmetric sim: 84 % sim: 1.110 Bender Wirth: 434 Typ L1
V13 Gen7
sim: AsymmetricAsymmetric sim: 84 % sim: 1.030 Bender Wirth: 477 Typ L1
VERO18
Asymmetric degAsymmetric 87 %
0.510
-
VERO13
Asymmetric degAsymmetric 87 %
0.510
-
V10 Gen7
sim: AsymmetricAsymmetric sim: 81 % sim: 0.630 Bender Wirth: 434 Typ L1
V13 Gen7
sim: AsymmetricAsymmetric sim: 88 % sim: 1.090 Bender Wirth: 477 Typ L1
V13 Gen7
sim: AsymmetricAsymmetric sim: 85 % sim: 1.100 -
CLL03x/CLU03x
Asymmetric degAsymmetric 87 %
1.100
A.A.G. STUCCHI: 8101/G2 + S-8000/11
CLL04x/CLU04x
Asymmetric degAsymmetric 80 %
0.800
A.A.G. STUCCHI: 8102/G2 + S-8000/12
February 5th 2018 3:09 Copyright Ledil Oy - Subject to change without prior notice - Page 1/60
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C12948

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C12924 LEDIL-C12924 Datasheet
4Mb / 3P
Basepart for LENA and LENINA reflectors.
logo
Cree, Inc
C12955 CREE-C12955 Datasheet
819Kb / 17P
Barbara series
logo
Ledil, Inc.
C12958 LEDIL-C12958 Datasheet
11Mb / 288P
Lenina Reflector
More results

Similar Description - C12948

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CN13191 CREE-CN13191 Datasheet
382Kb / 6P
Lena series
CN13192 CREE-CN13192 Datasheet
379Kb / 6P
Lena series
CN13193 CREE-CN13193 Datasheet
380Kb / 5P
Lena series
CN14088 CREE-CN14088 Datasheet
2Mb / 35P
Lena series
CN14090 CREE-CN14090 Datasheet
1Mb / 33P
Lena series
CN12367 CREE-CN12367 Datasheet
424Kb / 5P
Lena series
logo
Ledil, Inc.
C11979 LEDIL-C11979 Datasheet
7Mb / 176P
Lena Reflector
C11980 LEDIL-C11980 Datasheet
6Mb / 123P
Lena Reflector
C12154 LEDIL-C12154 Datasheet
9Mb / 225P
Lena Reflector
C13101 LEDIL-C13101 Datasheet
7Mb / 151P
Lena Reflector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com