Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C12948 Datasheet(PDF) 2 Page - Ledil, Inc.

Part # C12948
Description  Lena Reflector
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C12948 Datasheet(HTML) 2 Page - Ledil, Inc.

  C12948 Datasheet HTML 1Page - Ledil, Inc. C12948 Datasheet HTML 2Page - Ledil, Inc. C12948 Datasheet HTML 3Page - Ledil, Inc. C12948 Datasheet HTML 4Page - Ledil, Inc. C12948 Datasheet HTML 5Page - Ledil, Inc. C12948 Datasheet HTML 6Page - Ledil, Inc. C12948 Datasheet HTML 7Page - Ledil, Inc. C12948 Datasheet HTML 8Page - Ledil, Inc. C12948 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 268 page
background image
PRODUCT DATASHEET
Lena series
last update 27/10/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
CL-L340
Asymmetric degAsymmetric 84 %
1.170
-
CLL03x/CLU03x
Asymmetric degAsymmetric 81 %
1.160
-
CLU710/711
Asymmetric degAsymmetric 89 %
1.200
-
CLL04x/CLU04x
Asymmetric degAsymmetric 82 %
0.950
-
CL-L340
Asymmetric degAsymmetric 73 %
0.900
-
CLL03x/CLU03x
Asymmetric degAsymmetric 76 %
0.960
-
CLU710/711
Asymmetric degAsymmetric 84 %
1.000
-
CLL04x/CLU04x
Asymmetric degAsymmetric 78 %
0.810
-
CLL04x/CLU04x
Asymmetric degAsymmetric 89 %
0.910
Bender Wirth: 431 Typ L3
CLL03x/CLU03x
Asymmetric degAsymmetric 90 %
1.090
Bender Wirth: 433 Typ L1
CLU720/721
Asymmetric degAsymmetric 90 %
1.200
Bender Wirth: 433 Typ L1
CLL04x/CLU04x
Asymmetric degAsymmetric 84 %
0.790
Bender Wirth: 431 Typ L3
CLL03x/CLU03x
Asymmetric degAsymmetric 90 %
1.100
Bender Wirth: 433 Typ L1
CLU720/721
Asymmetric degAsymmetric 90 %
1.200
Bender Wirth: 433 Typ L1
CLU700/701
Asymmetric degAsymmetric 89 %
1.300
Bender Wirth: 434 Typ L1
CLL03x/CLU03x
Asymmetric degAsymmetric 85 %
0.870
Bender Wirth: 433 Typ L1
CLU720/721
Asymmetric degAsymmetric 85 %
0.940
Bender Wirth: 433 Typ L1
CLU700/701
Asymmetric degAsymmetric 84 %
1.000
Bender Wirth: 434 Typ L1
CLL03x/CLU03x
Asymmetric degAsymmetric 87 %
0.530
Bender Wirth: 433 Typ L1
CLU720/721
Asymmetric degAsymmetric 86 %
0.510
Bender Wirth: 433 Typ L1
CLL04x/CLU04x
Asymmetric degAsymmetric 82 %
0.700
IDEAL: 50-2204CT + 50-2100LN
CLL04x/CLU04x
Asymmetric degAsymmetric 74 %
0.600
A.A.G. STUCCHI: 8102/G2 + S-8000/12
CXA/B 30xx
sim: AsymmetricAsymmetric sim: 85 % sim: 1.130 IDEAL: 50-2234C + 50-2100LN
CXA2011
Asymmetric degAsymmetric 79 %
1.000
-
CXA2011
Asymmetric degAsymmetric 75 %
0.900
-
CXA/B 15xx
Asymmetric degAsymmetric 88 %
1.420
-
CXA/B 15xx
Asymmetric degAsymmetric 84 %
1.140
-
CXA/B 25xx
Asymmetric degAsymmetric 75 %
0.900
-
CXA/B 1816 & CXA/B 1820 & CXA 1850 Asymmetric degAsymmetric 87 %
1.200
Bender Wirth: 437 Typ L1
CXA/B 15xx
Asymmetric degAsymmetric 89 %
1.300
Bender Wirth: 441 Typ L1
CXA/B 1816 & CXA/B 1820 & CXA 1850 Asymmetric degAsymmetric 84 %
0.920
Bender Wirth: 437 Typ L1
CXA/B 15xx
Asymmetric degAsymmetric 85 %
1.000
Bender Wirth: 441 Typ L1
CXA/B 1816 & CXA/B 1820 & CXA 1850 Asymmetric degAsymmetric 86 %
0.520
Bender Wirth: 437 Typ L1
CXA/B 15xx
Asymmetric degAsymmetric 86 %
0.510
Bender Wirth: 441 Typ L1
CXA/B 1816 & CXA/B 1820 & CXA 1850 Asymmetric degAsymmetric 88 %
1.100
-
CXA/B 30xx
NULL deg
Asymmetric sim: 81 % sim: 1.000 IDEAL: 50-2234C + 50-2100LN
LUXEON CoB 1216/1812
60 deg
Asymmetric 81 %
0.830
A.A.G. STUCCHI: 8102/G2 + S-8000/12
LUXEON CoB 1204/1205
NULL deg
Asymmetric sim: 93 % sim: 1.700 -
LUXEON CoB 1208
NULL deg
Asymmetric sim: 92 % sim: 1.600 -
LUXEON CoB 1216/1812
Asymmetric degAsymmetric 88 %
0.890
LEDiL: LEDiL
LUXEON K12
Asymmetric degAsymmetric 82 %
1.300
-
LUXEON K16
Asymmetric degAsymmetric 81 %
1.140
-
February 5th 2018 3:09 Copyright Ledil Oy - Subject to change without prior notice - Page 2/60
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com