Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1630 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP1630
Description  Coupled Inductor Boost Converter Demo Board
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1630 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP1630_06 Datasheet HTML 17Page - Microchip Technology MCP1630_06 Datasheet HTML 18Page - Microchip Technology MCP1630_06 Datasheet HTML 19Page - Microchip Technology MCP1630_06 Datasheet HTML 20Page - Microchip Technology MCP1630_06 Datasheet HTML 21Page - Microchip Technology MCP1630_06 Datasheet HTML 22Page - Microchip Technology MCP1630_06 Datasheet HTML 23Page - Microchip Technology MCP1630_06 Datasheet HTML 24Page - Microchip Technology MCP1630_06 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
MCP1630 COUPLED INDUCTOR BOOST
CONVERTER DEMO BOARD USER’S GUIDE
© 2006 Microchip Technology Inc.
DS51612A-page 17
Appendix B. Bill Of Materials (BOM)
TABLE B-1:
BILL OF MATERIALS (BOM)
Qty
Reference
Description
Manufacture
Part Number
2
C1, C2
Cap 10uF 6.3V Ceramic X5R 0805
Panasonic® - ECG
ECJ-2FB0J106M
5
C3, C4, C5,
C9, C10
Cap 0.1uF 16V Ceramic X7R 0805
Panasonic - ECG
ECJ-2VB1C104K
1
C6
Cap 1uF 16V Ceramic 0805 X5R
Panasonic - ECG
ECJ-2FB1C105K
1
C7
Cap Ceramic1800pF 50V NPO 0805
Panasonic - ECG
ECJ-2VC1H182J
1
C8
Cap 1000pF 50V Cerm Chip 0805
Panasonic - ECG
ECJ-2VC1H102J
2
C11, C12
Cap 4.7uF 50V Ceramic F 1210
Panasonic - ECG
ECJ-4YF1H475Z
1
C13
Cap 9.0pF 50V Cerm Chip 0805 SMD Panasonic - ECG
ECJ-2VC1H090D
1
D1
Diode Schottky 60V 1A SMB
International Rectifier
10BQ060PBF
1
J1
Conn Header 5 Pos.100 Vert Tin
Molex® Electronics
22-03-2051
1
F1
Polyswitch Resettable Fuses
Keystone Electronics
MINISMDC110F-2
1
L1
Inductor shield dual 22uH SMD
Coiltronics/
Div of Cooper/Bussmann
DRQ74-220-R
1
Q1
MOSFET N-CH 30V 2.2A SSOT3
Fairchild Semiconductor®
FDN337N
1
Q2
MOSFET N-CH 60V 280mA SOT-23
Fairchild Semiconductor
NDS7002A
1
R1
Res 12.0K Ohm 1/8W 5% 0805 SMD
Panasonic - ECG
ERJ-6GEYJ123V
1
R2
Res 562K Ohm 1/8W 1% 0805 SMD
Panasonic - ECG
ERJ-6ENF5623V
1
R3
Res 15.0K Ohm 1/8W 1% 0805 SMD
Panasonic - ECG
ERJ-6ENF1502V
1
R4
Res 100K Ohm 1/8W 1% 0805 SMD
Panasonic - ECG
ERJ-6ENF1003V
1
R5
Res 49.9K Ohm 1/8W 1% 0805 SMD
Panasonic - ECG
ERJ-6ENF4992V
2
R6,R9
Res 47.5K Ohm 1/8W 1% 0805 SMD
Panasonic - ECG
ERJ-6ENF4752V
1
R7
Res 634K Ohm 1/8W 1% 0805 SMD
Panasonic - ECG
ERJ-6ENF6343V
1
R8
Res 36.0K Ohm 1/8W 5% 0805 SMD
Panasonic - ECG
ERJ-6GEYJ363V
0
R10
Not Used
—
—
1
S1
Momentary Tact Switches
E-Switch Inc.
TL3301NF260QG
5
TP1,TP2,TP3,
TP4,TP5
PC Test point compact SMT
Keystone Electronics®
5016
1
U1
IC LDO REG 250mA 2.5V SOT-23
Microchip Technology Inc.
MCP1700T-2502E/TT
1
U2
IC Sensor Thermal 2.3V SC70-5
Microchip Technology Inc.
MCP9700T-E/LT
1
U3
IC MCU Flash 2KX14 8SOIC
Microchip Technology Inc.
PIC12F683-I/SN
1
U4
IC PWM HS MCU-Adaptable 8MSOP Microchip Technology Inc.
MCP1630-E/MS
Note 1: The components listed in this Bill of Materials are representative of the PCB assembly. The released BOM
used in manufacturing uses all RoHS-compliant components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com