Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1630 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP1630
Description  Coupled Inductor Boost Converter Demo Board
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1630 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP1630_06 Datasheet HTML 9Page - Microchip Technology MCP1630_06 Datasheet HTML 10Page - Microchip Technology MCP1630_06 Datasheet HTML 11Page - Microchip Technology MCP1630_06 Datasheet HTML 12Page - Microchip Technology MCP1630_06 Datasheet HTML 13Page - Microchip Technology MCP1630_06 Datasheet HTML 14Page - Microchip Technology MCP1630_06 Datasheet HTML 15Page - Microchip Technology MCP1630_06 Datasheet HTML 16Page - Microchip Technology MCP1630_06 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Installation and Operation
© 2006 Microchip Technology Inc.
DS51612A-page 9
2.3.1.2
APPLYING LOAD TO MCP1630 COUPLED INDUCTOR BOOST
CONVERTER DEMO BOARD
A variable resistive load can be used to verify the line and load regulation. The load
resistance is connected between the TP3 and TP4 test points. To measure the output
voltage, connect the common lead of the multi meter to TP4 and the positive terminal
to TP3. By varying the load, the load regulation can be verified by measuring the output
voltage over the entire load range of 0 mA to 30 mA. Similarly, by varying the line
voltage from 3V to 5.5V and checking the output voltage, the line regulation can be
calculated.
Evaluating the Application
The best way to evaluate the MCP1630 Coupled Inductor Boost Converter Demo
Board is to dig into the circuit. Measure voltages and currents with a Digital Volt Meter
(DVM) and probe the board with an oscilloscope.
The voltage on the switching node can be calculated below.
Firmware
The PIC12F683 device comes preprogrammed with firmware to operate the system as
described above. The firmware flow diagram is shown in Appendix C. “Demo Board
Firmware”.
The program is fairly simple and straight forward. There is an initialization routine at the
beginning of the program.
The internal oscillator clock is set to 8 MHz.The TRISIO is configured to set GP2
(Oscillator pulses to the MCP1630) and GP5 (VREF Voltage to MCP1630) as an output
port and GP3 (Push button S1) as Input Port.The OPTION register is configured to
wake-up on Port pin change of GP3.
The TMR0 is initialized with a value which causes TMR0 to overflow after 10 ms The
TMR0 overflow interrupt is also enabled. Initialize registers TEMP and TEMP2 for 2
seconds time measurement.
The PWM duty cycle is specified by writing to the CCPR1L register and to the
CCP1CON <5:4> bits. The CCPR1L contains the eight MSbs and the CCP1CON <5:4>
contains the two LSbs. This 10-bit value is represented by CCPR1L:CCP1CON <5:4>.
The switching frequency is set to 100 kHz.
VSW
VIN
VOUT
(
VD VIN
–
+
)
N2
N1 N2
+
--------------------
+
=
Where:
VSW = Voltage across switch
VOUT = Output Voltage
VD = Diode Drop
VIN = Input Voltage
N1 & N2 = Coupled Inductor Turns Ratio
(N1 and N2 is 1 for a 1:1 ratio coupled inductor)
TMR0 overflow occurs for every 10 ms.
TEMP and TEMP2 counts for 2 seconds (TEMP2 = 10, TEMP = 20)
Hence 10 * 20 * 10 ms = 2 Seconds)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com