Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1630 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP1630
Description  Input Boost Converter Demo Board
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1630 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP1630_07 Datasheet HTML 16Page - Microchip Technology MCP1630_07 Datasheet HTML 17Page - Microchip Technology MCP1630_07 Datasheet HTML 18Page - Microchip Technology MCP1630_07 Datasheet HTML 19Page - Microchip Technology MCP1630_07 Datasheet HTML 20Page - Microchip Technology MCP1630_07 Datasheet HTML 21Page - Microchip Technology MCP1630_07 Datasheet HTML 22Page - Microchip Technology MCP1630_07 Datasheet HTML 23Page - Microchip Technology MCP1630_07 Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
MCP1630 AUTOMOTIVE INPUT BOOST
CONVERTER DEMO BOARD USER’S GUIDE
© 2007 Microchip Technology Inc.
DS51608B-page 17
Appendix B. Bill Of Materials (BOM)
TABLE B-1:
BILL OF MATERIALS (BOM)
Qty
Reference
Description
Manufacturer
Part Number
2
C1, C2
Cap 4.7uF 25V Ceramic X5R 1206
Panasonic® - ECG
ECJ-3YB1E475M
5
C3, C4, C5,
C10, C11
Cap 0.1uF 16V Ceramic X7R 0805
Panasonic - ECG
ECJ-2VB1C104K
2
C6, C7
Cap 1uF 16V Ceramic X7R 0805
Panasonic - ECG
ECJ-2FB1C105K
1
C8
Cap 1500pF 100V Ceramic X7R 0805
Panasonic - ECG
ECJ-2VB2A152K
1
C9
Cap 1000pF 50V Cerm Chip 0805
Panasonic - ECG
ECJ-2VC1H102J
2
C12, C13
Cap Cer 4.7uF 50V 10% X7R 1210
Murata
GRM32ER71H475KA88L
1
C14
Cap 470pF 50V Cerm Chip 0805 SMD
Panasonic - ECG
ECJ-2VC1H471J
1
C15
Cap 22pF 50V Cerm Chip 0805 SMD
Panasonic - ECG
ECJ-2VC1H220J
1
D1
Diode Schottky 60V 1A SMB
International Rectifier
10BQ060
1
J1
Conn Header 5 Pos.100 Vert Tin
Molex
22-03-2051
1
L1
Inductor Shielded Drum Power 15uH
SMD
Coiltronics
DR125-150-R
1
Q1
MOSFET N-CH 55V 3.1A SOT-23
International Rectifier
IRLL024N
1
Q2
MOSFET N-CH 60V 280mA SOT-33
Fairchild Semiconductor®
NDS7002A
1
R1
Res 2.00K Ohm 1/8W 1% 0805 SMD
Panasonic - ECG
ERJ-6ENF2001V
1
R2
Res 10.0K Ohm 1/8W 1% 0805 SMD
Panasonic - ECG
ERJ-6ENF10R0V
1
R3
Not Used
—
—
1
R4
Res 80.6K Ohm 1/8W 1% 0805 SMD
Panasonic - ECG
ERJ-6ENF8062V
2
R5, R6
Res 100K Ohm 1/8W 1% 0805 SMD
Panasonic - ECG
ERJ-6ENF1003V
1
R7
Res 49.9K Ohm 1/8W 1% 0805 SMD
Panasonic - ECG
ERJ-6ENF4992V
1
R8
Res 47.5K Ohm 1/8W 1% 0805 SMD
Panasonic - ECG
ERJ-6ENF4752V
1
R9
Res 34.0K Ohm 1/8W 1% 0805 SMD
Panasonic - ECG
ERJ-6ENF3402V
1
R10
Res 2.49K Ohm 1/8W 1% 0805 SMD
Panasonic - ECG
ERJ-6ENF2491V
1
R11
Res 3.40K Ohm 1/8W 1% 0805 SMD
Panasonic - ECG
ERJ-6ENF3401V
1
R12
Res 165K Ohm 1/8W 1% 0805 SMD
Panasonic - ECG
ERJ-6ENF1653V
5
TP1,TP2,
TP3,TP4,
TP5
PC Test point compact SMT
Keystone Electronics®
5016
1
U1
IC 5.0 100 mA LDO Vreg SOT23
National Semiconductor®
LM3480IM3-5.0
1
U2
IC MCU Flash 2KX14 8SOIC
Microchip Technology Inc
PIC12F683-I/SN
1
U3
IC PWM HS MCU-Adaptable 8MSOP
Microchip Technology Inc
MCP1630V-E/MS
Note 1: The components listed in this Bill of Materials are representative of the PCB assembly. The released BOM
used in manufacturing uses all RoHS-compliant components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com