Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1630 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP1630
Description  Input Boost Converter Demo Board
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1630 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP1630_07 Datasheet HTML 9Page - Microchip Technology MCP1630_07 Datasheet HTML 10Page - Microchip Technology MCP1630_07 Datasheet HTML 11Page - Microchip Technology MCP1630_07 Datasheet HTML 12Page - Microchip Technology MCP1630_07 Datasheet HTML 13Page - Microchip Technology MCP1630_07 Datasheet HTML 14Page - Microchip Technology MCP1630_07 Datasheet HTML 15Page - Microchip Technology MCP1630_07 Datasheet HTML 16Page - Microchip Technology MCP1630_07 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Installation and Operation
© 2007 Microchip Technology Inc.
DS51608B-page 9
2.3.1.2
APPLY LOAD TO MCP1630 AUTOMOTIVE INPUT BOOST CONVERTER
DEMO BOARD
A variable resistive load can be used to verify the line and load regulation. The load
resistance is connected between the points TP3 and TP4. To measure the output
voltage, connect the common point of a multimeter to TP4 and the positive terminal to
TP3. By varying the load, the load regulation can be verified by measuring the output
voltage over the entire load range of 0 mA to 400 mA. Similarly, the line regulation can
be calculated by varying the line voltage from 9V to 18V and checking the output
voltage.
Evaluating the Application
The best way to evaluate the MCP1630 is to dig into the circuit and measure voltages
and currents with a Digital Voltage Meter (DVM) and probe the board with an
oscilloscope.
The firmware program in the PIC12F683 can also be edited to modify the operation of
the application.
Firmware
The PIC12F683 comes pre-programmed with firmware to operate the system as
described above. The file listing and firmware flow diagram are shown in Appendix
C. “Demo Board Firmware”.
The program is fairly simple and straight forward. There is an initialization routine at the
beginning of the program.
The TRISIO register controls the direction of GPIO pins, and is configured to set GP2
(oscillator pulses to the MCP1630/V) and GP5 (VREF voltage to MCP1630/V) as an
output port.
The Capture/Compare/PWM (CCP) module contains a 16-bit register which can
operate in PWM mode. The PWM period can be calculated by writing to the PR2
register. The PWM duty cycle is specified by writing to the CCPR1L register and to the
CCP1CON <5:4> bits. Up to 10-bit resolution is available. The CCPR1L contains the
eight MSbs and the CCP1CON <5:4> contains the two LSbs. This 10-bit value is
represented by CCPR1L:CCP1CON<5:4>. The switching frequency is set to 500 kHz.
The user can obtain different output voltages by programming the MCU to obtain
different VREF voltages.
Programming
Header J1 is provided for in-circuit programming. This is an optional feature since the
MCP1630 Automotive Input Boost Converter Demo Board comes pre-programmed
with firmware to operate the system. The PIC12F683 can be reprogrammed with the
Baseline Flash Microcontroller Programmer (BFMP).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com