Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1640 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP1640
Description  Synchronous Boost Converter Evaluation Board
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1640 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP1640_10 Datasheet HTML 14Page - Microchip Technology MCP1640_10 Datasheet HTML 15Page - Microchip Technology MCP1640_10 Datasheet HTML 16Page - Microchip Technology MCP1640_10 Datasheet HTML 17Page - Microchip Technology MCP1640_10 Datasheet HTML 18Page - Microchip Technology MCP1640_10 Datasheet HTML 19Page - Microchip Technology MCP1640_10 Datasheet HTML 20Page - Microchip Technology MCP1640_10 Datasheet HTML 21Page - Microchip Technology MCP1640_10 Datasheet HTML 22Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
 2010 Microchip Technology Inc.
DS51880A-page 21
MCP1640 SYNCHRONOUS BOOST
CONVERTER EVALUATION BOARD
USER’S GUIDE
Appendix B. Bill of Materials (BOM)
TABLE B-1:
BILL OF MATERIALS (BOM)
Qty
Reference
Description
Manufacturer
Part Number
4
Bump
BUMPON HEMISPHERE .44X.20
WHITE
3M
SJ-5003 (WHITE)
3
C1, C2, C8
CAP CER 10UF 10V X7R 0805
Murata Electronics
North America
GRM21BR71A106KE51L
0
C3, C4, C6, C7
CAP TANT LOW ESR SMD
6032-EIA / C case
——
1
C5
CAP CER 10UF 10V X7R 1206
Murata Electronics
North America
GRM31CR71A106KA01L
2
L1, L2
INDUCTOR POWER 4.7UH 2.0A
SMD
EPCOS Inc
B82462G4472M
1
PCB
RoHS Compliant Bare PCB,
MCP1640 Sync Boost Converter
Evaluation Board
Microchip Technology
Inc.
104-00283
2
RB1, RB2
RES 309K OHM 1/8W 1% 0805 SMD Rohm Semiconductor MCR10EZPF3093
1
RT1
RES 536K OHM 1/8W 1% 0805 SMD Yageo
RC0805FR-07536KL
1
RT2
RES 324K OHM 1/8W 1% 0805 SMD Rohm Semiconductor MCR10EZPF3243
1
RT4
RES 976K OHM 1/8W 1% 0805 SMD Rohm Semiconductor MCR10EZHF9763
1
RT5
RES 1.20M OHM 1/8W 1% 0805
SMD
Rohm Semiconductor MCR10EZHF1204
4SW1, SW2,
SW3, SW4
SWITCH SLIDE SPDT SMD GULL
Copal Electronics Inc CJS-1200TB
8
TP1, TP2, TP3,
TP5, TP6, TP7,
TP8, TP9
PC Test Point Compact SMT
Keystone Electronics 5016
1
U1
MCP1640 Syncronous Boost
Converter - SOT23-6
Microchip Technology
Inc.
MCP1640
1
U2
MCP1640 Syncronous Boost
Converter – DFN2x3mm
Microchip Technology
Inc.
MCP1640
Note 1:
The components listed in this Bill of Materials are representative of the PCB assembly. The
released BOM used in manufacturing uses all RoHS-compliant components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com