Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1640 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP1640
Description  Synchronous Boost Converter Evaluation Board
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1640 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP1640_10 Datasheet HTML 9Page - Microchip Technology MCP1640_10 Datasheet HTML 10Page - Microchip Technology MCP1640_10 Datasheet HTML 11Page - Microchip Technology MCP1640_10 Datasheet HTML 12Page - Microchip Technology MCP1640_10 Datasheet HTML 13Page - Microchip Technology MCP1640_10 Datasheet HTML 14Page - Microchip Technology MCP1640_10 Datasheet HTML 15Page - Microchip Technology MCP1640_10 Datasheet HTML 16Page - Microchip Technology MCP1640_10 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Installation and Operation
 2010 Microchip Technology Inc.
DS51880A-page 13
2.3.1.2
BOARD POWER UP PROCEDURE:
1. Connect system load to VOUT and GND terminals, maximum load varies with
input and output voltage; see the MCP1640 datasheet for more information on
the maximum load. Typically, the MCP1640 can supply a 3.3V output with
100 mA from a 1.2V input source. Connect the (+) side of the load to VOUT and
the negative (-) load to ground (GND).
2. Set the desired output voltage using the VOUT SEL mini dip switch.
3. Set the enable to the desired state using the EN mini dip switch.
4. When EN is set ON or high, the MCP1640 is enabled and VOUT can be measured
on the VOUT and GND terminals. When EN is low, the MCP1640 is disabled and
VOUT is floating and disconnected from the input.
Capacitors C3, C4, C6 and C7 are not populated. The component pads are provided for
experimental use.
FIGURE 2-2:
MCP1640 Evaluation Board Setup.
2.3.1.3
EN AND VOUT SEL SWITCHES FUNCTION
Note that SW2 (VOUT SEL) and SW4 (EN) are used for the SOT-23-6 circuit. Switches
SW1 (VOUT SEL) and SW3 (EN) are used for the 2x3 mm DFN-8 circuit.
TABLE 2-1:
FUNCTION OF BOARD SWITCHES
State of Switches
VOUT [V] for
SW3 or SW4
EN Switch
SW1 or SW2
VOUT SEL Switch
SOT-23-6
Converter
2x3 mm DFN
Converter
ON
ON
2
3.3
ON
OFF
3.3
5
OFF
ON
0
0
OFF
OFF
0
0
A -meter
V -meter
A -meter
V -meter
1.2V Cell
Resistive (min
33Ω/1W)
V
OUT SEL switch
between 2 and 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com