Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPC816 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TPC816
Description  200mW, 4 PIN DIP Phototransistor Photocoupler
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TPC816 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TPC816 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TPC816 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TPC816 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TPC816 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TPC816 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TPC816 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TPC816 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TPC816 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TPC816 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TPC816 SERIES
Taiwan Semiconductor
2
Version:B1612
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL
PART NUMBER
UNIT
Input
Forward current
IF
50
mA
Peak forward current (Note 1)
IFM
1
A
Reverse voltage
VR
6
V
Power dissipation
P
70
mW
Output
Collector-emitter voltage
VCEO
70
V
Emitter-collector voltage
VECO
6
V
Collector current
IC
50
mA
Collector power dissipation
PC
150
mW
Total power dissipation
Ptot
200
mW
Isolation voltage (Note 2)
Viso
5000
Vrms
Operating temperature
Topr
-30 to +100
°C
Storage temperature
Tstg
-55 to +125
°C
Soldering temperature (Note 3)
Tsol
260
°C
Notes:
1.
Pulse width≦100ms,Duty ratio:0.001
2.
40 to 60% RH,AC for 1 minute
3.
For 10s
ELECTRICAL SPECIFICATIONS (T
A = 25°C unless otherwise noted)
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNIT
Input
Forward voltage
IF=20mA
VF
1.2
1.4
V
Peak forward voltage
IFM=0.5A
VFM
3.0
V
Reverse current
VR=4V
IR
10
μA
Terminal capacitance
V=0, f=1kHz
Ct
30
250
pF
Output
Collector dark current
VCE=20V,IF=0
ICEO
10
-7
A
Transfer
Characteristics
Current transfer ration
(Note 1)
IF=5mA, VCE=5V
CTR
80
600
%
Collector-emitter
saturation voltage
IF=20mA, IC=1mA
VCE(sat)
0.1
0.2
V
Isolation resistance
DC500V,
40 to 60%RH
RISO
5x10
10
10
11
Ω
Floating capacitance
V=0, f=1MHz
Cf
0.6
1.0
pF
Cut-off frequency
VCE=5V, IC=2mA,
RL=100Ω, -3dB
fc
80
KHz
Response
time
Rise time
VCE=2V, IC=2mA,
RL=100Ω
tr
4
18
μs
Fall time
tf
3
18
μs
Notes:
1.
Classification table of current transfer ratio is shown below



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com