Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPC816 Datasheet(PDF) 10 Page - Taiwan Semiconductor Company, Ltd

Part # TPC816
Description  200mW, 4 PIN DIP Phototransistor Photocoupler
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TPC816 Datasheet(HTML) 10 Page - Taiwan Semiconductor Company, Ltd

Back Button TPC816 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TPC816 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TPC816 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TPC816 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TPC816 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TPC816 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TPC816 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TPC816 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TPC816 Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
TPC816 SERIES
Taiwan Semiconductor
10
Version:B1612
Notice
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf,
assumes no responsibility or liability for any errors or inaccuracies.
Information contained herein is intended to provide a product description only. No license, express or implied, to
any intellectual property rights is granted by this document. Except
as provided in TSC’s terms and conditions of
sale for such products, TSC assumes no liability whatsoever, and disclaims any express or implied warranty,
relating to sale and/or use of TSC products including liability or warranties relating to fitness for a particular purpose,
merchantability, or infringement of any patent, copyright, or other intellectual property right.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications.
Customers using or selling these products for use in such applications do so at their own risk and agree to fully
indemnify TSC for any damages resulting from such improper use or sale.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com