Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCF5801DBQRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # CDCF5801DBQRG4
Description  CLOCK MULTIPLIER WITH DELAY CONTROL AND PHASE ALIGNMENT
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCF5801DBQRG4 Datasheet(HTML) 1 Page - Texas Instruments

  CDCF5801DBQRG4 Datasheet HTML 1Page - Texas Instruments CDCF5801DBQRG4 Datasheet HTML 2Page - Texas Instruments CDCF5801DBQRG4 Datasheet HTML 3Page - Texas Instruments CDCF5801DBQRG4 Datasheet HTML 4Page - Texas Instruments CDCF5801DBQRG4 Datasheet HTML 5Page - Texas Instruments CDCF5801DBQRG4 Datasheet HTML 6Page - Texas Instruments CDCF5801DBQRG4 Datasheet HTML 7Page - Texas Instruments CDCF5801DBQRG4 Datasheet HTML 8Page - Texas Instruments CDCF5801DBQRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
www.ti.com
FEATURES
APPLICATIONS
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
VDDREF
REFCLK
VDDP
GNDP
GND
LEADLAG
DLYCTRL
GNDPA
VDDPA
VDDPD
STOPB
PWRDNB
P0
P1
VDDO
GNDO
CLKOUT
NC
CLKOUTB
GNDO
VDDO
MULT0
MULT1
P2
DBQ PACKAGE
(TOP VIEW)
DESCRIPTION
CDCF5801
SCAS698D – SEPTEMBER 2003 – REVISED DECEMBER 2004
CLOCK MULTIPLIER WITH DELAY CONTROL AND PHASE ALIGNMENT
•
Video Graphics
•
Low-Jitter Clock Multiplier:
×1, ×2, ×4, ×8
•
Gaming Products
•
Programmable Bidirectional Delay Steps of
•
Datacom
1.3 mUI
•
Telecom
•
Output Frequency Range of 25 MHz to
•
Noise Cancellation Created by FPGAs
280 MHz
•
Input Frequency Range of 12.5 MHz to
240 MHz
•
Low Jitter Generation
•
Single-Ended REFCLK Input With Adjustable
Trigger Level (Works With LVTTL, HSTL, and
LVPECL)
•
Differential/Single-Ended Output
•
Output Can Drive LVPECL, LVDS, and LVTTL
•
Three Power Operating Modes to Minimize
Power
•
Low Power Consumption (< 190 mW at
280 MHz/3.3 V)
•
Packaged in a Shrink Small-Outline Package
(DBQ)
•
No External Components Required for PLL
•
Spread Spectrum Clock Tracking Ability to
Reduce EMI (SSC)
The CDCF5801 provides clock multiplication from a reference clock (REFCLK) signal with the unique capability
to delay or advance the CLKOUT/CLKOUTB with steps of only 1.3 mUI through a phase aligner. For every rising
edge on the DLYCTRL pin the CLKOUT is delayed by a 1.3-mUI step size as long as the LEADLAG input
detects a low signal at the time of the DLYCTRL rising edge. Similarly for every rising edge on the DLYCTRL pin
the CLKOUT is advanced by a 1.3-mUI step size as long as the LEADLAG pin is high during the transition. This
unique capability allows the device to phase align (zero delay) between CLKOUT/CLKOUTB and any one other
CLK in the system by feeding the clocks that need to be aligned to the DLYCTRL and the LEADLAG pins. Also it
provides the capability to program a fixed delay by providing the proper number of edges on the DLYCTRL pin,
while strapping the LEADLAG pin to dc high or low. Further possible applications are:
•
Aligning the rising edge of the output clock signal to the input clock rising edge
•
Avoiding PLL instability in applications that require very long PLL feedback lines
•
Isolation of jitter and digital switching noise
•
Limitation of jitter in systems with good ppm frequency stability
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDCF5801DBQRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCF5801DBQRG4 TI1-CDCF5801DBQRG4 Datasheet
605Kb / 22P
CLOCK MULTIPLIER
More results

Similar Description - CDCF5801DBQRG4

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT2308 IDT-IDT2308 Datasheet
144Kb / 13P
3.3V ZERO DELAY CLOCK MULTIPLIER
logo
Texas Instruments
CDC5801 TI-CDC5801 Datasheet
214Kb / 16P
LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE DELAY AND PHASE ALIGNMENT
logo
Fairchild Semiconductor
FMS7951 FAIRCHILD-FMS7951 Datasheet
73Kb / 8P
Zero Delay Clock Multiplier
logo
Texas Instruments
CDC5801A TI-CDC5801A Datasheet
333Kb / 18P
LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE AND PHASE ALIGNMENT
CDCF5801A TI-CDCF5801A Datasheet
248Kb / 18P
CLOCK MULTIPLIER WITH DELAY CONTROL AND PHASE ALIGNMENT
logo
Integrated Device Techn...
IDT2308 IDT-IDT2308_10 Datasheet
171Kb / 13P
3.3V ZERO DELAY CLOCK MULTIPLIER
IDT2308B IDT-IDT2308B Datasheet
295Kb / 13P
3.3V ZERO DELAY CLOCK MULTIPLIER
logo
Texas Instruments
CDC5801ADBQ TI-CDC5801ADBQ Datasheet
626Kb / 18P
LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE DELAY
logo
Integrated Device Techn...
IDT2308-1HDC8 IDT-IDT2308-1HDC8 Datasheet
171Kb / 13P
3.3V ZERO DELAY CLOCK MULTIPLIER
logo
Renesas Technology Corp
IDT2308A RENESAS-IDT2308A Datasheet
237Kb / 11P
3.3V ZERO DELAY CLOCK MULTIPLIER
AUGUST 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com