Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCF5801DBQRG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # CDCF5801DBQRG4
Description  CLOCK MULTIPLIER WITH DELAY CONTROL AND PHASE ALIGNMENT
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCF5801DBQRG4 Datasheet(HTML) 2 Page - Texas Instruments

  CDCF5801DBQRG4 Datasheet HTML 1Page - Texas Instruments CDCF5801DBQRG4 Datasheet HTML 2Page - Texas Instruments CDCF5801DBQRG4 Datasheet HTML 3Page - Texas Instruments CDCF5801DBQRG4 Datasheet HTML 4Page - Texas Instruments CDCF5801DBQRG4 Datasheet HTML 5Page - Texas Instruments CDCF5801DBQRG4 Datasheet HTML 6Page - Texas Instruments CDCF5801DBQRG4 Datasheet HTML 7Page - Texas Instruments CDCF5801DBQRG4 Datasheet HTML 8Page - Texas Instruments CDCF5801DBQRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
www.ti.com
CDCF5801
SCAS698D – SEPTEMBER 2003 – REVISED DECEMBER 2004
The CDCF5801 provides clock multiplication and division from a reference clock (REFCLK) signal. The device is
optimized to have extremely low jitter impact from input to output. The predivider pins MULT[0:1] and post-divider
pins P[0:2] provide selection for frequency multiplication and division ratios, generating CLKOUT/CLOUTKB
frequencies ranging from 25 MHz to 280 MHz with clock input references (REFCLK) ranging from 12.5 MHz to
240 MHz. See Table 1 for detailed frequency support. The selection of pins MULT[0:1] and P[1:2] determines the
multiplication value of 1, 2, 4, or 8. The CDCF5801 offers several power-down/ high-impedance modes,
selectable by pins P0, STOPB and PWRDN. Another unique capability of the CDCF5801 is the high sensitivity
and wide common-mode range of the clock-input pin REFCLK by varying the voltage on the VDDREF pin. The
clock signal outputs CLKOUT and CLKOUTB can be used independently to generate single-ended clock signals.
The CLKOUT/CLKOUTB outputs can also be combined to generate a differential output signal suitable for LVDS,
LVPECL, or HSTL/SSTL signaling. The CDCF5801 is characterized for operation over free-air temperatures of
-40
°C to 85°C.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com