Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDL1108P-R30MF Datasheet(PDF) 2 Page - Superworld Electronics

Part # SDL1108P-R30MF
Description  Through Hole Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDL1108P-R30MF Datasheet(HTML) 2 Page - Superworld Electronics

  SDL1108P-R30MF Datasheet HTML 1Page - Superworld Electronics SDL1108P-R30MF Datasheet HTML 2Page - Superworld Electronics SDL1108P-R30MF Datasheet HTML 3Page - Superworld Electronics SDL1108P-R30MF Datasheet HTML 4Page - Superworld Electronics SDL1108P-R30MF Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Through Hole Inductor – SDL1108P Series
NOTE: Specifications subject to change without notice. Please check our website for latest information.
Proprietary and Confidential
Document of Superworld
02/10/2017
P2
3. Schematic
4. Material List
a) Core
b) Wire
5. General Specification
a) Operating Temperature: - 40°C to +125°C
b) Storage Condition (component in its packaging)
i)
Temperature: -10 to 40°C
ii) Humidity: 60% RH
6. Electrical Characteristics
Tolerance M=±20%
Part No.
Inductance
(μH)
Test Frequency
(Hz)
DCR
(mΩ) ± 8%
Isat (A)
Max.
Irms (A)
Max.
Marking
SDL1108P-R30MF
0.30
1V/100K
0.80
50.0
38.0
SUPERWORLD R30
SDL1108P-R47MF
0.47
1V/100K
0.80
50.0
38.0
SUPERWORLD R47
SDL1108P-R60MF
0.60
1V/100K
0.80
50.0
38.0
SUPERWORLD R60
SDL1108P-R80MF
0.80
1V/100K
1.30
45.0
31.0
SUPERWORLD R80
SDL1108P-1R0MF
1.00
1V/100K
1.30
35.0
31.0
SUPERWORLD 1R0
SDL1108P-1R5MF
1.50
1V/100K
1.80
25.0
26.0
SUPERWORLD 1R5
SDL1108P-2R0MF
2.00
1V/100K
3.30
30.0
20.0
SUPERWORLD 2R0
SDL1108P-3R3MF
3.30
1V/100K
6.30
25.0
14.0
SUPERWORLD 3R3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com