Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDL1108P-R30MF Datasheet(PDF) 4 Page - Superworld Electronics

Part # SDL1108P-R30MF
Description  Through Hole Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDL1108P-R30MF Datasheet(HTML) 4 Page - Superworld Electronics

  SDL1108P-R30MF Datasheet HTML 1Page - Superworld Electronics SDL1108P-R30MF Datasheet HTML 2Page - Superworld Electronics SDL1108P-R30MF Datasheet HTML 3Page - Superworld Electronics SDL1108P-R30MF Datasheet HTML 4Page - Superworld Electronics SDL1108P-R30MF Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Through Hole Inductor – SDL1108P Series
NOTE: Specifications subject to change without notice. Please check our website for latest information.
Proprietary and Confidential
Document of Superworld
02/10/2017
P4
8. Packaging Information
8-1. Packaging Size & Dimension
PVC Size: 230 x 150 x 14mm
Inbox Size: 238 x 156 x 160mm
Outbox Size: 328 x 251 x 170mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com