Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM8898 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM8898
Description  TRI-STATE BCD to Binary/Binary to BCD Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM8898 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DM8898 Datasheet HTML 1Page - National Semiconductor (TI) DM8898 Datasheet HTML 2Page - National Semiconductor (TI) DM8898 Datasheet HTML 3Page - National Semiconductor (TI) DM8898 Datasheet HTML 4Page - National Semiconductor (TI) DM8898 Datasheet HTML 5Page - National Semiconductor (TI) DM8898 Datasheet HTML 6Page - National Semiconductor (TI) DM8898 Datasheet HTML 7Page - National Semiconductor (TI) DM8898 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF6593
January 1987
DM8898DM8899 TRI-STATE
BCD to BinaryBinary to BCD Converters
General Description
These circuits are the TRI-STATE versions of the popular
BCD to binary and binary to BCD converters DM74184 and
DM74185A respectively They are derived from the 256-bit
ROM DM8598 Emitter connections are made to provide
direct read out of converted codes at outputs Y8 through
Y1 as shown in the truth tables Both converters compre-
hend the fact that the least significant bits (LSB) of the bina-
ry and BCD codes are logically equal and in each case the
LSB bypasses the converter Thus a 6-bit converter is pro-
duced in each case and both devices are cascadable
An overriding enable input is provided on each converter
which when taken high inhibits the function causing all
outputs to go into the high-impedance state For this rea-
son and to minimize power consumption unused outputs
Y7 and Y8 of the 185A and all ‘‘don’t care’’ conditions of the
184 are programmed high
DM8898 BCD-TO-BINARY CONVERTERS
The 6-bit BCD-to-binary function of the DM8898 is analo-
gous to the algorithm
a Shift BCD number right one bit and examine each dec-
ade Subtract three from each 4-bit decade containing a
binary value greater than seven
b Shift right examine and correct after each shift until the
least significant decade contains a number smaller than
eight and all other converted decades contain zeros
In addition to BCD-to-binary conversion the DM8898 is pro-
grammed to generate BCD 9’s complement or BCD 10’s
complement In each case one bit of the complement code
is logically equal to one of the BCD bits therefore these
complements can be produced on three lines As outputs
Y6 Y7 and Y8 are not required in the BCD-to-binary conver-
sion they are utilized to provide these complement codes
as specified in the function table when the devices are con-
nected as shown
DM8899A BINARY-TO-BCD CONVERTERS
The function performed by these 6-bit binary-to-BCD con-
verters is analogous to the algorithm
a Examine the three most significant bits If the sum is
greater than four add three and shift left one bit
b Examine each BCD decade If the sum is greater than
four add three and shift left one bit
c Repeat step b until the least-significant binary bit is in the
least-significant BCD location
Features
Y
TRI-STATE versions of DM74184 DM74185A
Y
Typical propagation delay 30 ns
Connection Diagram
Dual-In-Line Package
TLF6593 – 1
Order Number DM8898N or DM8899N
See NS Package Number N16A
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DM8898

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM8800 NSC-DM8800 Datasheet
186Kb / 3P
DM7800/DM8800 dual voltage translator
DM8800H NSC-DM8800H Datasheet
186Kb / 3P
DM7800/DM8800 dual voltage translator
logo
Davicom Semiconductor, ...
DM8806 DAVICOM-DM8806 Datasheet
65Kb / 2P
6-Port Fast Ethernet Single Chip Switch Controller with
logo
National Semiconductor ...
DM8875A NSC-DM8875A Datasheet
409Kb / 5P
DM7875A/DM8875A, DM7875B/DM8875B TRI-STATE 4-Bit Parallel Binary Multipliers
DM8875AN NSC-DM8875AN Datasheet
409Kb / 5P
DM7875A/DM8875A, DM7875B/DM8875B TRI-STATE 4-Bit Parallel Binary Multipliers
More results

Similar Description - DM8898

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14028B MOTOROLA-MC14028B Datasheet
254Kb / 7P
BCD-To-Decimal Decoder Binary-To-Octal Decoder
logo
ON Semiconductor
MC14028B ONSEMI-MC14028B Datasheet
216Kb / 8P
BCD-To-Decimal Decoder Binary-To-Octal Decoder
March, 2000 ??Rev. 3
logo
Hitachi Semiconductor
HD14028B HITACHI-HD14028B Datasheet
77Kb / 6P
BCD-to-Decimal Decoder/Binary-to-Octal Decoder
HD74HC4518 HITACHI-HD74HC4518 Datasheet
59Kb / 10P
Dual BCD Use Converters/Dual Binary Up Converters
logo
Texas Instruments
SN54184 TI-SN54184 Datasheet
376Kb / 9P
BCD TO BINARY AND BINARY TO BCD CONVERTERS
logo
National Semiconductor ...
DM54184 NSC-DM54184 Datasheet
180Kb / 10P
BCD-to-Binary and Binary-to-BCD Converters
logo
Fairchild Semiconductor
F10016 FAIRCHILD-F10016 Datasheet
264Kb / 6P
BCD DECADE COUNTER/4-BIT BINARY COUNTER
logo
Motorola, Inc
SN74LS160A MOTOROLA-SN74LS160A Datasheet
83Kb / 6P
BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
Fairchild Semiconductor
AN-6611 FAIRCHILD-AN-6611 Datasheet
296Kb / 3P
Binary/BCD Gain Programmed Amplifiers
logo
ON Semiconductor
MC14028B ONSEMI-MC14028B_14 Datasheet
116Kb / 6P
BCD-To-Decimal Decoder Binary-To-Octal Decoder
August, 2014 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com