Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB01 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EB01
Description  TRIPLE INDEPENDENT LOGIC INTERFACED HALF BRIDGES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EB01 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EB01 Datasheet HTML 1Page - List of Unclassifed Manufacturers EB01 Datasheet HTML 2Page - List of Unclassifed Manufacturers EB01 Datasheet HTML 3Page - List of Unclassifed Manufacturers EB01 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
HIGH VOLTAGE SUPPLY, HV5
500V
OUTPUT CURRENT, peak1
28A
OUTPUT CURRENT, continuous
20A
DRIVER SUPPLY VOLTAGE, Vcc
20V
LOGIC SUPPLY VOLTAGE, Vdd
20V
LOGIC INPUT VOLTAGE
-0.3V to Vdd + 0.3V
POWER DISSIPATION, internal2
179 Watts
THERMAL RESISTANCE TO CASE3
2.1°C/Watt
TEMPERATURE, pin solder, 10s
300°C
TEMPERATURE, junction4
150°C
TEMPERATURE RANGE, storage
–65 to +150°C
OPERATING TEMPERATURE, case
–25 to +85°C
EB01
SPECIFICATIONS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
POSITIVE OUTPUT VOLTAGE
IOUT=20A; Vcc=10.8V, Vdd=5V;
497.3
502.7
Volts
HV=500V, Fpwm=30kHz, L=100 µH
NEGATIVE OUTPUT VOLTAGE
"
-2.7
2.7
Volts
POSITIVE EDGE DELAY
"
1000
n-second
RISETIME
"
500
n-second
NEGATIVE EDGE DELAY
"
1000
n-second
FALLTIME
"
500
n-second
PWM FREQUENCY
Set by external circuitry
30
kHz
INPUT IMPEDANCE
Set by internal resistors
50
k-ohm
INPUT
A logic level input independently controls each IGBT in
the half bridge. A logic level high turns on the IGBT; a logic
level low turns it off. A common shutdown input turns off
all IGBTs when high.
All inputs are Schmitt triggers with the upper threshold at
2/3Vdd and the lower threshold at 1/3 Vdd. This comfortably
interfaces with CMOS or HCMOS provided that the Vdd for the
logic family and the EB01 are the same.
TTL families may be used if a pull-up to the logic supply
is added to the TTL gates driving the EBO1, and Vdd for
the EB01 is the same supply as the logic supply for the
TTL family.
An open signal connector pulls the shut down input high and
all other inputs low, insuring that all outputs are off.
However, input impedance is 50k on all inputs; therefore, if
one input is open circuited a high radiated noise level could
supuriousy turn on an IGBT.
OUTPUT
Each output section consists of a switching mode IGBT
half bridge. Separate HV supply, emitter, and HV return lines
are provided for each section.
The IGBTs are conservatively rated to carry 20A. At 20A
the saturation voltage is 2.7V maximum.
Each IGBT has a high-speed diode connected in anti-
parallel. When switching an inductive load this diode will
conduct, and the drop at 20A will be 2.7V maximum.
INPUT AND OUTPUT SIGNALS
NOTES: 1.
Guaranteed but not tested.
2.
Total package power dissipation at 25°C case tempterature with three outputs active.
3.
Each IGBT.
4.
Long term operation at the maximum junction temperature will result in reduced product life. Lower internal temperature by
reducing internal dissipation or using better heatsinking to achieve high MTTF.
5.
Derate the High Voltage Supply Vs by -0.133% per °C below 25°C.
PIN
SYMBOL
FUNCTION
PIN
SYMBOL
FUNCTION
1
Vcc3
Gate supply 3
13
HV1
High Voltage supply 1
2
Lin3
Low drive logic in 3
14
OUT1
Section 1 output
3
Hin3
High drive logic in 3
15
E1
Section 1 emitter
4
Vdd
Logic supply
16
HVRTN1
Section 1 return
5
Vcc2
Gate supply 2
17
HV2
High voltage supply 2
6
Lin2
Low drive logic in 2
18
OUT 2
Section 2 output
7
Vss
Logic ground
19
E2
Section 2 emitter
8
Hin2
High drive logic in 2
20
HVRTN2
Section 2 return
9
Vcc1
Gate supply 1
21
HV3
High voltage supply 3
10
Lin1
Low drive logic in 1
22
OUT 3
Section 3 output
11
SD
Shut down logic in
23
E3
Section 3 emitter
12
Hin1
High drive logic in 1
24
HVRTN 3
Section 3 return



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com