Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB01 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # EB01
Description  TRIPLE INDEPENDENT LOGIC INTERFACED HALF BRIDGES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EB01 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  EB01 Datasheet HTML 1Page - List of Unclassifed Manufacturers EB01 Datasheet HTML 2Page - List of Unclassifed Manufacturers EB01 Datasheet HTML 3Page - List of Unclassifed Manufacturers EB01 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
EB01
TYPICAL PERFORMANCE
GRAPHS
25
50
75
100
125
14
16
18
20
CONTINUOUS AMPS
12
CASE TEMPERATURE, (
°C)
10
0
75
100
CASE TEMPERATURE, (
°C)
25
POWER DERATING
25
50
125
35
45
55
65
75
EACH ACTIVE
OUTPUT TRANSISTOR
85
58W
31W
-50
0
50
100
150
0.9
1.0
1.1
V RATING vs TEMPERATURE
s
T (
°C)
PACKAGE SPECIFICATIONS
DIP9 PACKAGE
WEIGHT: 69 g or 2.4 oz
DIMENSIONS ARE IN INCHES
ALTERNATE UNITS ARE [MM]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com