Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPC Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # DPC
Description  Definite Purpose Contactor3- or 4-pole, 20-40 FLAAC Coil
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

DPC Datasheet(HTML) 4 Page - TE Connectivity Ltd

  DPC Datasheet HTML 1Page - TE Connectivity Ltd DPC Datasheet HTML 2Page - TE Connectivity Ltd DPC Datasheet HTML 3Page - TE Connectivity Ltd DPC Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DPC Series Definite Purpose Contactors
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Dimensions are shown for reference
purposes only. Specifications and
availability subject to change.
South America: 55-11-2103-6000
Hong Kong: 852-2735-1628
Japan: 81-44-844-8013
UK: 44-8706-080208
USA: 1-800-522-6752
Canada: 1-905-470-4425
Mexico: 01-800-733-8926
C. America: 52-55-1106-0803
Main Contact Termination Options
Combo Screws
Sems Screws
Box Lugs
Auxiliary Switches
Footnotes: Ratings of Auxiliary Interlocks / Switches
Auxiliary Switches Equipped with 0.250” (6.35) Quick Connect Terminals
TWO SPDT
SWITCHES
PER SIDE
(1672418-2
or 1672418-4)
ONE SPDT
SWITCH
PER SIDE
(1672418-1
or 1672418-3)
Catalog 1-1773450-6
Issued 8-08, Revised 1-14
www.te.com
© 2014 TE Connectivity Ltd. family of companies. All Rights Reserved.
TE Connectivity, TE Connectivity (logo) and TE Tyco Electronics (logo) are trademarks.
1 NO / 1 NC
(1672419-1)
MUST BE SAME POLARITY
1 NO
(1672419-2)
1 NC
(1672419-3)
Disclaimer



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com