Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPC Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # DPC
Description  Definite Purpose Contactor3- or 4-pole, 20-40 FLAAC Coil
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

DPC Datasheet(HTML) 1 Page - TE Connectivity Ltd

  DPC Datasheet HTML 1Page - TE Connectivity Ltd DPC Datasheet HTML 2Page - TE Connectivity Ltd DPC Datasheet HTML 3Page - TE Connectivity Ltd DPC Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
DPC Series Definite Purpose Contactors
Issued 8-08, Revised 1-14
www.te.com
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Dimensions are shown for reference
purposes only. Specifications and
availability subject to change.
South America: 55-11-2103-6000
Hong Kong: 852-2735-1628
Japan: 81-44-844-8013
UK: 44-8706-080208
USA: 1-800-522-6752
Canada: 1-905-470-4425
Mexico: 01-800-733-8926
C. America: 52-55-1106-0803
Contact Ratings
Features
Contact Data @ 25°C
Arrangements:
Maximum Ratings:
Material:
Coil Data @ 25°C
Voltage:
Insulation Class:
Duty Cycle:
SEMKO
Environmental Data
Temperature Range:
Flammability:
Mechanical Data
Main Contact Termination
[with dual 0.250 (6.35) quick connects – standard;
without quick connects – optional]:
Combo Screws
Type:
Wire Size:
Tightening Torque:
Sems Screws
Type:
Wire Size:
Tightening Torque:
Box Lugs
Type:
Wire Size:
Tightening Torque:
Coil Termination:
Arc Cover:
Weight:
DPC series
Definite Purpose Contactor
3- or 4-pole, 20-40 FLA
AC Coil
Coil Data
Full
Number
Line
Locked
Resistive
Maximum Horsepower
UL Short
UL AC Electrical Discharge Lamps
Load Amps
of
Voltage
Rotor
Amps
Single
Three
Circuit
(Standard Ballast) and
& AC3
Poles
Amps
Rating & AC1
Phase
Phase
Ratings
AC Incandescent Lamps (Tungsten)


Similar Part No. - DPC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DPC MACOM-DPC Datasheet
315Kb / 4P
Definite Purpose Contactors
logo
TALEMA Group. LLC
DPC--1.0-22 TALEMA-DPC--1.0-22 Datasheet
105Kb / 4P
Low Cost Power Inductors
DPC--1.0-33 TALEMA-DPC--1.0-33 Datasheet
105Kb / 4P
Low Cost Power Inductors
DPC-0.5-100 TALEMA-DPC-0.5-100 Datasheet
105Kb / 4P
Low Cost Power Inductors
DPC-0.5-1000 TALEMA-DPC-0.5-1000 Datasheet
105Kb / 4P
Low Cost Power Inductors
More results

Similar Description - DPC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
96-3100 MACOM-96-3100 Datasheet
160Kb / 2P
Definite Purpose Contactor 1- or 2-pole, 20-40 FLA AC Coil
96-3186 MACOM-96-3186 Datasheet
100Kb / 2P
Definite Purpose Contactor 3-pole, 75-90 FLA AC Coil
98-3100 MACOM-98-3100 Datasheet
79Kb / 2P
Definite Purpose Contactor 3-pole, 20-40 FLA AC Coil
A-3100 MACOM-A-3100 Datasheet
106Kb / 3P
Definite Purpose Contactor 3-pole, 120 FLA AC Coil
3100-30K16999CJ MACOM-3100-30K16999CJ Datasheet
100Kb / 2P
Definite Purpose Contactor 3-pole, 50-60 FLA AC Coil
1308242 MACOM-1308242 Datasheet
753Kb / 2P
Definite Purpose Contactor 1- or 2-pole, 20-40 FLA AC Coil
logo
List of Unclassifed Man...
90-244 ETC2-90-244 Datasheet
292Kb / 2P
2 POLE DEFINITE PURPOSE CONTACTORS
logo
Schneider Electric
8910DPA34V04 SCHNEIDER-8910DPA34V04 Datasheet
127Kb / 2P
Contactor, Definite Purpose, 30A, 4 pole, 20 HP at 575 VAC, 3 phase, 277 VAC 60 Hz coil, open
Apr 30, 2021
logo
TE Connectivity Ltd
1308242 TEC-1308242 Datasheet
267Kb / 2P
Definite Purpose Contactor 4-pole, 25-40 FLA AC Coil
logo
Schneider Electric
8910DPA34V04 SCHNEIDER-8910DPA34V04_V01 Datasheet
138Kb / 2P
Contactor, Definite Purpose, 30A, 4 pole, 20 HP at 575 VAC, 3 phase, 277 VAC 60 Hz coil, open
May 20, 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com