Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBR345LSK Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # SBR345LSK
Description  SCHOTTKY BARRIER DIODE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

SBR345LSK Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  SBR345LSK Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBR345LSK Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBR345LSK Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBR345LSK Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBR345LSK Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBR345LSK Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBR345LSK Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBR345LSK Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBR345LSK Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
R
版本(Rev.):201603F
1/9
肖特基势垒二极管
SCHOTTKY BARRIER DIODE
SBR345L
订 货 型 号
Order codes
印
记
Marking
封
装
Package
无卤素
Halogen Free
包
装
Packaging
器件重量
Device Weight
SBR345LDR
SBR345L
DO-201AD 是
YES
编带
Tape
1.1g(approx.)
SBR345LD
SBR345L
DO-201AD 否
NO
编带
Tape
1.1g(approx.)
SBR345LXFR
SBR345L
SMAF
是
YES
编带
Tape
0.030g(approx.)
SBR345LXF
SBR345L
SMAF
否
NO
编带
Tape
0.030g(approx.)
SBR345LSXR
SBR345L
SMA
是
YES
编带
Tape
0.071g(approx.)
SBR345LSX
SBR345L
SMA
否
NO
编带
Tape
0.071g(approx.)
SBR345LSKR
SBR345L
SMB
是
YES
编带
Tape
0.096g(approx.)
SBR345LSK
SBR345L
SMB
否
NO
编带
Tape
0.096g(approx.)
SBR345LSKFR
SBR345L
SMBF
是
YES
编带
Tape
0.075g(approx.)
SBR345LSKF
SBR345L
SMBF
否
NO
编带
Tape
0.075g(approx.)
主要参数
MAIN
CHARACTERISTICS
IF(AV)
3A
VRRM
45 V
Tj
150℃
VF(max)
0.38V (@Tj=100℃)
用途
低压高频整流
低压续流电路和保护电
路
APPLICATIONS
Low voltage,high
frequency rectifier
Free wheeling diodes,
polarity protection
applications
产品特性
低功耗,高效率
良好的高温特性
有过压保护环,高可靠性
环保(
RoHS)产品
FEATURES
Low power loss, high efficiency
High Operating Junction
Temperature
Guard ring for overvoltage
protection,High reliability
RoHS product
订货信息 ORDER MESSAGE
封装 Package
DO-201AD
SMA
SMAF
SMB
SMBF


Similar Part No. - SBR345LSK

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SBR30 SEMTECH-SBR30 Datasheet
69Kb / 2P
STANDARD RECOVERY 1-PHASE SILICON BRIDGE RECTIFIERS
logo
Sanyo Semicon Device
SBR30016JS SANYO-SBR30016JS Datasheet
54Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 160V, 30A Rectifier
logo
SeCoS Halbleitertechnol...
SBR30100 SECOS-SBR30100 Datasheet
159Kb / 2P
VOLTAGE 100 V 30.0 Amp Schottky Barrier Rectifiers
logo
Diodes Incorporated
SBR30100CT DIODES-SBR30100CT Datasheet
179Kb / 3P
30A SBR Super Barrier Rectifier
SBR30100 Rev. 2
logo
Sangdest Microelectroni...
SBR30100CT SMC-SBR30100CT Datasheet
169Kb / 6P
SCHOTTKY RECTIFIER
More results

Similar Description - SBR345LSK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com