Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP32C Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # TIP32C
Description  PNP Epitaxial Silicon Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

TIP32C Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  TIP32C Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. TIP32C Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. TIP32C Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. TIP32C Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
R
版本:
201505A
1/4
PNP 硅外延晶体管
PNP Epitaxial Silicon Transistor
TIP32C
订 货 型 号
Order codes
Marking
无卤素
Halogen Free
Package
Packaging
TIP32C-O- C-N-C
TIP32C
NO
TO-220
袋装
Bag
TIP32C-O- C-N-B
TIP32C
NO
TO-220C
条管
Tube
绝对最大额定值
ABSOLUTE RATINGS
(Tc=25℃ unless otherwise noted)
热特性 THERMAL CHARACTERISTIC
Parameter
Symbo
最小值
min
最大值
max
Unit
结到环境的热阻
Thermal Resistance Junction Case TO-220(C) Rth(j-a)
-
62.5
/W
结到管壳的热阻
Thermal Resistance Junction Case TO-220(C) Rth(j-c)
-
3.12
/W
Parameter
Symbol
Value
Unit
集电极—基极直流电压
Collector-Base Voltage (IE = 0)
VCBO
-100
V
集电极
—发射极直流电压
Collector- Emitter Voltage(IB=0)
VCEO
-100
V
发射极
—基极直流电压
Emitter-Base Voltage
VEBO
-5
V
最大集电极直流电流
Collector Current(DC)
IC
-3
A
最大集电极脉冲电流
Collector Current(Pulse)
ICP
-5
A
最大基极电流
Base Current
IB
-1
A
最大集电极耗散功率
Collector Dissipation(Tc=25℃)
PC
40
W
最大集电极耗散功率
Collector Dissipation(Ta=25℃)
PC
2
W
最高结温
Junction Temperature
Tj
150
贮存温度
Storage Temperature
Tstg
-55~+150
封装 Package
TO-220
TO-220C
订货信息 ORDER MESSAGE
用途
应用于中功率线性转换电路
APPLICATIONS
Medium Power Linear Switching Applications
产品特性
高集电极电压
VCEO=-100V (min)
TIP31C 互补
环保(
RoHS)产品
FEATURES
High collector voltageVCEO=-100V (min)
Complementary to TIP31C
RoHS product


Similar Part No. - TIP32C

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP32C MOSPEC-TIP32C Datasheet
192Kb / 4P
POWER TRANSISTORS(3A,40-100V,40W)
logo
Motorola, Inc
TIP32C MOTOROLA-TIP32C Datasheet
196Kb / 6P
POWER TRANSISTORS COMPLEMENTARY SILICON
logo
ON Semiconductor
TIP32C ONSEMI-TIP32C Datasheet
196Kb / 6P
POWER TRANSISTORS COMPLEMENTARY SILICON
REV 1
logo
Power Innovations Ltd
TIP32C POINN-TIP32C Datasheet
86Kb / 6P
PNP SILICON POWER TRANSISTORS
logo
STMicroelectronics
TIP32C STMICROELECTRONICS-TIP32C Datasheet
64Kb / 5P
COMPLEMENTARY SILICON POWER TRANSISTORS
Oct-1999
More results

Similar Description - TIP32C

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTC2SA1015 UTC-UTC2SA1015 Datasheet
62Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Samsung semiconductor
2N5401 SAMSUNG-2N5401 Datasheet
76Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
BCW69 SAMSUNG-BCW69 Datasheet
28Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BCX71G FAIRCHILD-BCX71G Datasheet
31Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
FJN4303R FAIRCHILD-FJN4303R Datasheet
36Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4202R FAIRCHILD-FJNS4202R Datasheet
36Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4204R FAIRCHILD-FJNS4204R Datasheet
65Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4210R FAIRCHILD-FJNS4210R Datasheet
32Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4212R FAIRCHILD-FJNS4212R Datasheet
26Kb / 3P
PNP Epitaxial Silicon Transistor
FJV4102R FAIRCHILD-FJV4102R Datasheet
55Kb / 4P
PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com