Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP32C Datasheet(PDF) 3 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # TIP32C
Description  PNP Epitaxial Silicon Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

TIP32C Datasheet(HTML) 3 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  TIP32C Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. TIP32C Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. TIP32C Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. TIP32C Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
R
TIP32C
版本:
201505A
3/4
外形尺寸 PACKAGE MECHANICAL DATA
TO-220
单位 Unit :mm
TO-220C
单位 Unit :mm
符号
尺寸(
mm)
A
4.40-4.80
B
1.10-1.40
b
0.70-0.95
c
0.28-0.48
c1
0.32-0.52
D
14.45-16.00
D2
8.20-9.20
E
9.60-10.40
e
2.39-2.69
F
1.20-1.35
L
13.05-14.05
L2
3.70-3.90
P
3.50-4.00
Q
2.40-3.00
Q1
2.20-2.90
符号
尺寸(
mm)
A
4.30-4.70
B
1.10-1.40
b
0.70-0.95
c
0.40-0.65
D
15.20-16.20
D2
9.00-9.40
E
9.70-10.10
e
2.39-2.69
F
1.25-1.40
L
12.60-13.60
L2
2.80-3.20
P
3.50-3.80
Q
2.60-3.00
Q1
2.20-2.60



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com