Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG55596AV Datasheet(PDF) 5 Page - Dialog Semiconductor

Part # SLG55596AV
Description  Automatic Current-Limit Switch Control
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG55596AV Datasheet(HTML) 5 Page - Dialog Semiconductor

  SLG55596AV Datasheet HTML 1Page - Dialog Semiconductor SLG55596AV Datasheet HTML 2Page - Dialog Semiconductor SLG55596AV Datasheet HTML 3Page - Dialog Semiconductor SLG55596AV Datasheet HTML 4Page - Dialog Semiconductor SLG55596AV Datasheet HTML 5Page - Dialog Semiconductor SLG55596AV Datasheet HTML 6Page - Dialog Semiconductor SLG55596AV Datasheet HTML 7Page - Dialog Semiconductor SLG55596AV Datasheet HTML 8Page - Dialog Semiconductor SLG55596AV Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
000-0055596-10
Page 5 of 10
SLG55596A
Electrical Characteristics - Logic Input SMART-CDP
Electrical Characteristics - CEN Outputs
Electrical Characteristics - ESD Protection
VDD = 4.5V to 5.5V, TA = 25°C (unless specified otherwise)
Parameter
Description
Condition/Note
Min.
Typ.
Max.
Unit
VIH
SMART-CDP input Logic High
3.0
--
--
V
VIL
SMART-CDP input Logic Low
--
--
0.8
V
IIN
SMART-CDP Input Leakage Current
VDD = 5.5V
0V < VSMART-CDP < VIL or
VIH < VSMART-CDP < VDD
-1
--
1
μA
VDD = 4.5V to 5.5V, TA = 25°C (unless specified otherwise)
Parameter
Description
Condition/Note
Min.
Typ.
Max.
Unit
TVBT
VBUS Toggle Time
CB = Logic 0 to Logic 1 or Logic
1 to Logic 0
1.5
2.0
2.5
s
VOL_CEN
CEN Output Logic Low Voltage
CB = Logic 0 to Logic 1
ISINK = 2mA
--
--
0.4V
V
IOUT_CEN
CEN Output Leakage Current
VDD = 5.5V
VCEN = 5.5V or CEN deasserted
--
--
1
μA
VDD = 4.5V to 5.5V, TA = 25°C (unless specified otherwise)
Parameter
Description
Condition/Note
Min.
Typ.
Max.
Unit
VESD
ESD Protection Level
(DP and DM Only)
Human Body Model
--
±8
--
kV
VESD
ESD Protection Level
(All other pins)
Human Body Model
--
±2
--
kV



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com