Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG55596AV Datasheet(PDF) 1 Page - Dialog Semiconductor

Part # SLG55596AV
Description  Automatic Current-Limit Switch Control
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG55596AV Datasheet(HTML) 1 Page - Dialog Semiconductor

  SLG55596AV Datasheet HTML 1Page - Dialog Semiconductor SLG55596AV Datasheet HTML 2Page - Dialog Semiconductor SLG55596AV Datasheet HTML 3Page - Dialog Semiconductor SLG55596AV Datasheet HTML 4Page - Dialog Semiconductor SLG55596AV Datasheet HTML 5Page - Dialog Semiconductor SLG55596AV Datasheet HTML 6Page - Dialog Semiconductor SLG55596AV Datasheet HTML 7Page - Dialog Semiconductor SLG55596AV Datasheet HTML 8Page - Dialog Semiconductor SLG55596AV Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Silego Technology, Inc.
Rev 1.0
000-0055596-10
Revised April 22, 2014
USB Host Charger Identification
Analog Switches
SLG55596A
Block Diagram
General Description
The SLG55596A is a USB device that combines high speed
USB switches with a USB host charger (dedicated charger)
identification circuit. The device supports both the latest USB
Battery Charging Specification Revision 1.2 including data
contact detection and a set resistor bias for Apple* compliant
devices as well as legacy USB D+/D- short detection using
data line pull-up.
The SLG55596A can also support CDP mode (FAST charging
and data communication available mode if smartphone can
support CDP mode).
The SLG55596A can also support low speed / full speed
mouse/keyboard wake-up from S3 mode.
Features
•
High Speed USB Switching
•
Low 4.0pF (typ) On Capacitance
•
Low 4.0
Ω (typ) On Resistance
•
Low 0.5
Ω (typ) On Resistance Flatness
•
4.5V to 5.5V Supply Range
•
Low Supply Current
•
Automatic Current-Limit Switch Control
•
Automatic USB Charger Identification Circuit
•
CDP Support (active USB 2.0 data communication with
1.5A charging)
•
Apple iPad* @ 2.4A charging current support
•
Automatic CDP/SDP mode support with SMART-CDP=1
for "Always Data Communication"
•
Chinese Telecom Standard YD/T 1591-2009 specification
support
•
Samsung Galaxy Tab** charge scheme support
•
Pb-Free / RoHS Compliant / Halogen-Free
•
TDFN-8 Package
Pin Configuration - SLG55596A
* Apple iPhone, iPad and iPod are trademarks of Apple Inc., registered in the
U.S. and other countries.
** Samsung Galaxy Tab are trademarks of Samsung Electronics, registered in
Korea and other countries.
VDD
SMART-CDP
TDP
TDM
CB
DP
DM
CEN
2
3
45
6
7
8
1
Thermal Pad
connected to GND
TDFN-8
(Top View)
FSM Logic
One Shot
+
-
VREF1
+
-
VREF1
CEN
CB
DM
DP
+
-
VREF2
FET
VDD
TDP
TDM
Resistor
Divider
Resistor
Divider
SMART-CDP


Similar Part No. - SLG55596AV

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG55596AV RENESAS-SLG55596AV Datasheet
472Kb / 11P
USB Host Charger Identification
8-Feb-2022
SLG55596AVTR RENESAS-SLG55596AVTR Datasheet
472Kb / 11P
USB Host Charger Identification
8-Feb-2022
More results

Similar Description - SLG55596AV

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2007 MICREL-MIC2007 Datasheet
748Kb / 17P
Adjustable Current Limit Power Distribution Switch
logo
Fairchild Semiconductor
FPF2300 FAIRCHILD-FPF2300 Datasheet
1Mb / 19P
Dual-Output Current Limit Switch
logo
Micrel Semiconductor
MIC2546 MICREL-MIC2546_08 Datasheet
279Kb / 15P
Dual Programable Current Limit Switch
logo
Monolithic Power System...
MP5000 MPS-MP5000 Datasheet
772Kb / 12P
12V, 5A Programmable Current Limit Switch
logo
Rohm
BD2262G-MGTR ROHM-BD2262G-MGTR Datasheet
616Kb / 37P
Current Limit High Side Switch ICs
BD6517F-E2 ROHM-BD6517F-E2 Datasheet
1Mb / 34P
Current Limit High Side Switch ICs
logo
Fairchild Semiconductor
FPF2496 FAIRCHILD-FPF2496 Datasheet
749Kb / 9P
Load Switch with Adjustable Current-Limit Control
logo
Richtek Technology Corp...
RT9728C RICHTEK-RT9728C Datasheet
210Kb / 13P
Power Switch with Programmable Current Limit
logo
Monolithic Power System...
MP5000A MPS-MP5000A Datasheet
487Kb / 14P
12V, 5A Programmable Current Limit Switch
logo
Kinetic Technologies.
KTS1690A KINETIC-KTS1690A Datasheet
218Kb / 2P
USB VBUS ISOURCE Load Switch with Current Limit Control
June 2022 - Revision 04a Page
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com