Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL566 Datasheet(PDF) 17 Page - Micronas

Part # HAL566
Description  Two-Wire Hall Effect Sensor Family
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL566 Datasheet(HTML) 17 Page - Micronas

Back Button HAL566 Datasheet HTML 13Page - Micronas HAL566 Datasheet HTML 14Page - Micronas HAL566 Datasheet HTML 15Page - Micronas HAL566 Datasheet HTML 16Page - Micronas HAL566 Datasheet HTML 17Page - Micronas HAL566 Datasheet HTML 18Page - Micronas HAL566 Datasheet HTML 19Page - Micronas HAL566 Datasheet HTML 20Page - Micronas HAL566 Datasheet HTML 21Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
HAL566
17
Micronas
0
1
2
3
4
5
6
7
8
0
5
10
15
20
25
30 V
mT
VDD
BON
BOFF
HAL 566
BOFF
Fig. 4–10: Typ. magnetic switching points
versus supply voltage
BON
TA = –40 °C
TA = 25 °C
TA = 100 °C
TA = 170 °C
0
1
2
3
4
5
6
7
8
3
3.5
4.0
4.5
5.0
5.5
6.0 V
mT
VDD
BON
BOFF
HAL 566
BOFF
Fig. 4–11: Typ. magnetic switching points
versus supply voltage
BON
TA = –40 °C
TA = 25 °C
TA = 100 °C
TA = 170 °C
0
1
2
3
4
5
6
7
8
–50
0
50
100
150
200
°C
mT
TA, TJ
BON
BOFF
BONmax
BONtyp
BONmin
BOFFmax
BOFFtyp
BOFFmin
HAL 566
Fig. 4–12: Magnetic switching points
versus temperature
VDD = 4 V
VDD = 12 V
VDD = 24 V
Note: In the diagram “Magnetic switching points versus
temperature”
the
curves
for
BONmin, BONmax,
BOFFmin, and BOFFmax refer to junction temperature,
whereas typical curves refer to ambient temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com