Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL566 Datasheet(PDF) 21 Page - Micronas

Part # HAL566
Description  Two-Wire Hall Effect Sensor Family
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL566 Datasheet(HTML) 21 Page - Micronas

Back Button HAL566 Datasheet HTML 13Page - Micronas HAL566 Datasheet HTML 14Page - Micronas HAL566 Datasheet HTML 15Page - Micronas HAL566 Datasheet HTML 16Page - Micronas HAL566 Datasheet HTML 17Page - Micronas HAL566 Datasheet HTML 18Page - Micronas HAL566 Datasheet HTML 19Page - Micronas HAL566 Datasheet HTML 20Page - Micronas HAL566 Datasheet HTML 21Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Micronas
page 1 of 1
Subject:
Data Sheet Concerned:
Supplement:
Edition:
Data Sheet Supplement
Changes:
– position tolerance of the sensitive area reduced
– tolerances of the outline dimensions reduced
– thickness of the leadframe changed to 0.15 mm (old 0.125 mm)
– SOT-89A will be discontinued in December 2000
Position of sensitive area
Note: A mechanical tolerance of
±0.05 mm applies to all dimensions where no tolerance is explicitly given.
Position tolerance of the sensitive area is defined in the package diagram.
HAL 114, 115
HAL 50x, 51x
HAL 621, 629
HAL 55x, HAL 56x
x
center of the package
center of the package
y
0.95 mm nominal
0.85 mm nominal
min.
0.25
2.55
0.4
0.4
0.4
1.5
3.0
0.06 ±0.04
branded side
SPGS0022-5-A3/2E
y
12
3
4 ±0.2
0.15
0.3
4.55
1.7
2
∅ 0.2
sensitive area
top view
1.15
Improvement of SOT-89B Package
HAL 114, 115, 6251-456-2DS, Dec. 20, 1999
HAL 50x, 51x, 6251-485-1DS, Feb. 16, 1999
HAL 55x, 56x, 6251-425-1DS, April 6, 1999
HAL 621, 629, 6251-504-1DS, Feb. 3, 2000
No. 1/ 6251-531-1DSS
July 4, 2000
HAL 11x, HAL 5xx, HAL 62x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com