Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46721 Datasheet(PDF) 69 Page - Dialog Semiconductor

Part # SLG46721
Description  Logic & Mixed Signal Circuits
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46721 Datasheet(HTML) 69 Page - Dialog Semiconductor

Back Button SLG46721 Datasheet HTML 65Page - Dialog Semiconductor SLG46721 Datasheet HTML 66Page - Dialog Semiconductor SLG46721 Datasheet HTML 67Page - Dialog Semiconductor SLG46721 Datasheet HTML 68Page - Dialog Semiconductor SLG46721 Datasheet HTML 69Page - Dialog Semiconductor SLG46721 Datasheet HTML 70Page - Dialog Semiconductor SLG46721 Datasheet HTML 71Page - Dialog Semiconductor SLG46721 Datasheet HTML 72Page - Dialog Semiconductor SLG46721 Datasheet HTML 73Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 101 page
background image
000-0046721-114
Page 68 of 100
SLG46721
13.4 CNT/DLY4 Register Settings
13.5 CNT/DLY5 Register Settings
Table 62. CNT/DLY4 Register Settings
Signal Function
Register Bit
Address
Register Definition
Counter/Delay4
Mode Select
reg<753>
0: Delay Mode
1: Counter Mode
Counter/Delay4
Clock Source Select
(external clock is
only for counter
mode)
reg<756:754>
000: Internal OSC Clock
001: OSC/4
010: OSC/12
011: OSC/24
100: OSC/64
101: External Clock
110: Reserved
111: Reserved
Counter4 Control
Data/Delay4 Time
Control
reg<764:757>
1-256: (delay time = (counter control data +2) /freq)
Delay4 Mode Select
reg<766:765>
00: Delay on both falling and rising edges
01: Delay on falling edge only
10: Delay on rising edge only
11: No delay on either falling or rising edges
Table 63. CNT/DLY5 Register Settings
Signal Function
Register Bit
Address
Register Definition
Counter/Delay5
Mode Select
reg<767>
0: Delay Mode
1: Counter Mode
Counter/Delay5
Clock Source Select
(external clock is
only for counter
mode)
reg<770:768>
000: Internal OSC Clock
001: OSC/4
010: OSC/12
011: OSC/24
100: OSC/64
101: External Clock
110: Reserved
111: Counter4 Overflow
Counter5 Control
Data/Delay5 Time
Control
reg<778:771>
1-256: (delay time = (counter control data +2) /freq)
Delay5 Mode Select
reg<780:779>
00: Delay on both falling and rising edges
01: Delay on falling edge only
10: Delay on rising edge only
11: No delay on either falling or rising edges



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com