Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46721 Datasheet(PDF) 84 Page - Dialog Semiconductor

Part # SLG46721
Description  Logic & Mixed Signal Circuits
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46721 Datasheet(HTML) 84 Page - Dialog Semiconductor

Back Button SLG46721 Datasheet HTML 80Page - Dialog Semiconductor SLG46721 Datasheet HTML 81Page - Dialog Semiconductor SLG46721 Datasheet HTML 82Page - Dialog Semiconductor SLG46721 Datasheet HTML 83Page - Dialog Semiconductor SLG46721 Datasheet HTML 84Page - Dialog Semiconductor SLG46721 Datasheet HTML 85Page - Dialog Semiconductor SLG46721 Datasheet HTML 86Page - Dialog Semiconductor SLG46721 Datasheet HTML 87Page - Dialog Semiconductor SLG46721 Datasheet HTML 88Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 101 page
background image
000-0046721-114
Page 83 of 100
SLG46721
reg<570>
Analog buffer at ACMP1 enable
0: Disable analog buffer
1: Enable analog buffer
reg<574:571>
LUT2_0 Data (if reg.<595>=0) or DFF4 / Latch Select
reg<571> DFF4 or Latch select
0: DFF function
1: Latch function
reg<572> DFF4 output select
0: Q output
1: nQ output
reg<573> DFF4 initial polarity select
0: Low
1: High
reg<578:575>
LUT2_1 Data (if reg.<596>=0) or DFF5 / Latch Select
reg<575> DFF5 or Latch select
0: DFF function
1: Latch function
reg<576> DFF5 output select
0: Q output
1: nQ output
reg<577> DFF5 initial polarity select
0: Low
1: High
reg<582:579>
LUT2_2 Data (if reg.<597>=0) or DFF6 / Latch Select
reg<579> DFF6 or Latch select
0: DFF function
1: Latch function
reg<580> DFF6 output select
0: Q output
1: nQ output
reg<581> DFF6 initial polarity select
0: Low
1: High
reg<586:583>
LUT2_3 Data (if reg.<598>=0) or DFF7 / Latch Select
reg<583> DFF7 or Latch select
0: DFF function
1: Latch function
reg<584> DFF7 output select
0: Q output
1: nQ output
reg<585> DFF7 initial polarity select
0: Low
1: High
reg<590:587>
LUT2_4 data
reg<594:591>
LUT2_5 data
reg<595>
LUT2_0 or DFF4 select
0: LUT2_0
1: DFF4
reg<596>
LUT2_1 or DFF5 select
0: LUT2_1
1: DFF5
reg<597>
LUT2_2 or DFF6 select
0: LUT2_2
1: DFF6
reg<598>
LUT2_3 or DFF7 select
0: LUT2_3
1: DFF7
reg<606:599>
LUT3_0 data
reg<614:607>
LUT3_1 data
Register Bit
Address
Signal Function
Register Bit Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com