Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT-706-E-F-R-507 Datasheet(PDF) 6 Page - Vectron International, Inc

Part # VT-706-E-F-R-507
Description  Temperature Compensated Crystal Oscillator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VT-706-E-F-R-507 Datasheet(HTML) 6 Page - Vectron International, Inc

  VT-706-E-F-R-507 Datasheet HTML 1Page - Vectron International, Inc VT-706-E-F-R-507 Datasheet HTML 2Page - Vectron International, Inc VT-706-E-F-R-507 Datasheet HTML 3Page - Vectron International, Inc VT-706-E-F-R-507 Datasheet HTML 4Page - Vectron International, Inc VT-706-E-F-R-507 Datasheet HTML 5Page - Vectron International, Inc VT-706-E-F-R-507 Datasheet HTML 6Page - Vectron International, Inc VT-706-E-F-R-507 Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Vectron International • 267 Lowell Road, Suite 102, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page6
VCXO Function
VCXO Feature: The VT-706 is supplied with a VCXO function for applications were it will be used in a PLL, or the output frequency needs
fine tune or calibration adjustments. This is a high impedance input, 100kOhm, and can be driven with an op-amp or terminated with
adjustable resistors etc. Pin1 should not be left floating on the VCXO optional device.
VT-706- E F W - 207A- xxMxxxxxxx
Product
TCXO
Voltage Options
D: +5.0 Vdc ± 5%
E: +3.3 Vdc ± 5%
F: +3.0Vdc ± 5%
G: +2.8Vdc ± 5%
Output
A: CMOS
F: Clipped Sine Wave
Stability
508: ±0.05ppm
107: ±0.10ppm
207: ±0.20ppm
287: ±0.28ppm
507: ±0.50ppm
Frequency in MHz
Temp Range
R:
0/55°C
W: -10/70°C
J: -20/70°C
G: -30/80°C
H: -30/85°C
E: -40/85°C
Tuning
0: Fixed, No tuning
A: ±5ppm
B: ±8ppm
C: ±10ppm
D: ±12ppm
Package
7.0 x 5.0 Package
*Note: not all combination of options are available.
Other specifications may be available upon request.
Example: VT-706-EFW-207A-19M2000000
Ordering Information
Tape & Reel
Table 7. Tape and Reel Information
Tape Dimensions (mm)
Reel Dimensions (mm)
W
F
Do
Po
P1
A
B
C
D
N
W1
W2
#/Reel
16
7.5
1.5
4
8
180
1.5
13
20.2
60
16.4
20.4
1000



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com