Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT-706-E-F-R-507 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # VT-706-E-F-R-507
Description  Temperature Compensated Crystal Oscillator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VT-706-E-F-R-507 Datasheet(HTML) 1 Page - Vectron International, Inc

  VT-706-E-F-R-507 Datasheet HTML 1Page - Vectron International, Inc VT-706-E-F-R-507 Datasheet HTML 2Page - Vectron International, Inc VT-706-E-F-R-507 Datasheet HTML 3Page - Vectron International, Inc VT-706-E-F-R-507 Datasheet HTML 4Page - Vectron International, Inc VT-706-E-F-R-507 Datasheet HTML 5Page - Vectron International, Inc VT-706-E-F-R-507 Datasheet HTML 6Page - Vectron International, Inc VT-706-E-F-R-507 Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Vectron International • 267 Lowell Road, Suite 102, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
VT-706
Temperature Compensated Crystal Oscillator
Vectron’s VT-706 Temperature Compensated Crystal Oscillator (TCXO) is a quartz stabilized, Clipped sine wave or CMOS output,
analog temperature compensated oscillator, operating off a 5.0 or 3.3 volt supply in a hermetically sealed 7.0 x 5.0 mm ceramic
package.
5.000 - 52.000MHz Output Frequency
•
±0.2ppm Temperature Stability
•
Optional Frequency Tuning
•
Fundamental Crystal Design
•
Stratum 3 version available as a custom part number
•
Gold over nickel contact pads
•
Hermetically Sealed Ceramic SMD package
•
Product is compliant to RoHS directive
•
and fully compatible with lead free assembly
Features
Block Diagram
Description
VT-706
Femto Cells
•
Base Stations
•
IP Networking
•
Global Positioning Systems
•
Point to Point Radio
•
Manpack Radio
•
Test and Measurement
•
Applications
Page1
V
DD
Output
V
CONTROL
(Optional)
Gnd
Analog
Temperature
Comp.
Crystal


Similar Part No. - VT-706-E-F-R-507

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VT-700 VECTRON-VT-700 Datasheet
378Kb / 6P
Temperature Compensated Crystal Oscillator
VT-700 VECTRON-VT-700_14 Datasheet
830Kb / 6P
Temperature Compensated Crystal Oscillator Previous Vectron Model VTC1
VT-701 VECTRON-VT-701 Datasheet
214Kb / 5P
Temperature Compensated Crystal Oscillator
VT-701 VECTRON-VT-701 Datasheet
395Kb / 5P
Temperature Compensated Crystal Oscillator Previous Vectron Model VTC2
VT-701 VECTRON-VT-701_17 Datasheet
395Kb / 5P
Temperature Compensated Crystal Oscillator Previous Vectron Model VTC2
More results

Similar Description - VT-706-E-F-R-507

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZC503 ETC1-ZC503 Datasheet
2Mb / 4P
TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
CSX-532T ETC1-CSX-532T Datasheet
110Kb / 1P
Temperature Compensated Crystal Oscillator
logo
Advanced XTAL Products
AXLE3225 AXTAL-AXLE3225 Datasheet
246Kb / 1P
Temperature Compensated Crystal Oscillator
AXLE7050 AXTAL-AXLE7050 Datasheet
265Kb / 1P
Temperature Compensated Crystal Oscillator
logo
Vectron International, ...
TX-400 VECTRON-TX-400_10 Datasheet
363Kb / 5P
Temperature Compensated Crystal Oscillator
TX-703 VECTRON-TX-703 Datasheet
250Kb / 5P
Temperature Compensated Crystal Oscillator
TX-550 VECTRON-TX-550 Datasheet
435Kb / 6P
Temperature Compensated Crystal Oscillator
VT-822 VECTRON-VT-822 Datasheet
204Kb / 5P
Temperature Compensated Crystal Oscillator
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Vanlong Technology Co.,...
TO520 VANLONG-TO520_13 Datasheet
45Kb / 1P
Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com