Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT-706-F-F-R-507 Datasheet(PDF) 5 Page - Vectron International, Inc

Part # VT-706-F-F-R-507
Description  Temperature Compensated Crystal Oscillator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VT-706-F-F-R-507 Datasheet(HTML) 5 Page - Vectron International, Inc

  VT-706-F-F-R-507 Datasheet HTML 1Page - Vectron International, Inc VT-706-F-F-R-507 Datasheet HTML 2Page - Vectron International, Inc VT-706-F-F-R-507 Datasheet HTML 3Page - Vectron International, Inc VT-706-F-F-R-507 Datasheet HTML 4Page - Vectron International, Inc VT-706-F-F-R-507 Datasheet HTML 5Page - Vectron International, Inc VT-706-F-F-R-507 Datasheet HTML 6Page - Vectron International, Inc VT-706-F-F-R-507 Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Vectron International • 267 Lowell Road, Suite 102, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page5
Absolute Maximum Ratings and Handling Precautions
Stresses in excess of the absolute maximum ratings can permanently damage the device. Functional operation is not implied or any other
excess of conditions represented in the operational sections of this data sheet. Exposure to absolute maximum ratings for extended
periods may adversely affect device reliability.
Although ESD protection circuitry has been designed into the VT-706, proper precautions should be taken when handling and mounting,
VI employs a Human Body Model and Charged Device Model for ESD susceptibility testing and design evaluation.
ESD thresholds are dependent on the circuit parameters used to define the model. Although no industry standard has been adopted for
the CDM a standard resistance of 1.5kOhms and capacitance of 100pF is widely used and therefor can be used for comparison purposes.
Table 4. Maximum Ratings
Parameter
Symbol
Rating
Unit
Storage Temperature
T
STORE
-55/125
ºC
Supply Voltage
V
DD
-0.6/6
V
Control Voltage
V
C
-0.6/V
DD+0.6
V
Enable/Disable Voltage
E/D
-0.6/V
DD+0.6
V
ESD, Human Body Model
1500
V
ESD, Charged Device Model
1000
V
Maximum Ratings
Table 5. Environmental Compliance
Parameter
Condition
Mechanical Shock
MIL-STD-883 Method 2002
Mechanical Vibration
MIL-STD-883 Method 2007
Temperature Cycle
MIL-STD-883 Method 1010
Solderability
MIL-STD-883 Method 2003
Fine and Gross Leak
MIL-STD-883 Method 1014
Resistance to Solvents
MIL-STD-883 Method 2015
Moisture Sensitivity Level
MSL1
Contact Pads
Gold over Nickel
Reliability
Table 6. Reflow Profile
Parameter
Symbol
Value
PreHeat Time
Ts-min
Ts-max
t
s
200 sec Max
150°C
200°C
Ramp Up
R
UP
3ºC/sec Max
Time above 217C
t
L
150 sec Max
Time to Peak Temperature
t
25C to peak
480 sec Max
Time at 260C
t
P
30 sec Max
Time at 240C
t
P2
60 sec Max
Ramp down
R
DN
6ºC/sec Max
Suggested IR Profile
Devices are built using lead free epoxy and can be subjected to standard lead free IR reflow conditions shown in Table 6. Contact pads are
gold over nickel and lower maximum temperatures can also be used, such as 220°C.
IR Reflow



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com