Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT-706-F-F-R-507 Datasheet(PDF) 7 Page - Vectron International, Inc

Part # VT-706-F-F-R-507
Description  Temperature Compensated Crystal Oscillator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VT-706-F-F-R-507 Datasheet(HTML) 7 Page - Vectron International, Inc

  VT-706-F-F-R-507 Datasheet HTML 1Page - Vectron International, Inc VT-706-F-F-R-507 Datasheet HTML 2Page - Vectron International, Inc VT-706-F-F-R-507 Datasheet HTML 3Page - Vectron International, Inc VT-706-F-F-R-507 Datasheet HTML 4Page - Vectron International, Inc VT-706-F-F-R-507 Datasheet HTML 5Page - Vectron International, Inc VT-706-F-F-R-507 Datasheet HTML 6Page - Vectron International, Inc VT-706-F-F-R-507 Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Vectron International • 267 Lowell Road, Suite 102, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Rev 0.2: 09/19/2016 VN
Page7
Disclaimer
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice. No liability is assumed as a result of their use or application.
No rights under any patent accompany the sale of any such product(s) or information.
USA:
Vectron International
267 Lowell Road, Suite 102
Hudson, NH 03051
Tel: 1.888.328.7661
Fax: 1.888.329.8328
Europe:
Vectron International
Landstrasse, D-74924
Neckarbischofsheim, Germany
Tel: +49 (0) 3328.4784.17
Fax: +49 (0) 3328.4784.30
Asia:
Vectron International
68, Yin Cheng Road (C), 22nd Floor
One LuJiaZui
Pudong, Shanghai 200120, China
Tel: 86.21.6194.6886
Fax: 86.21.6194.6699
For Additional Information, Please Contact
Note: Other Frequencies are available on request.
Table 8. Standard Frequencies (MHz)
10.000
12.800
16.384
19.200
19.440
20.000
25.000
26.000
40.000
50.000
Standard Frequencies & Capability Chart
Table 9. Capability Chart [Clipped Sine & CMOS Output]
±0.05ppm
±0.10ppm
±0.20ppm
±0.28ppm
±0.50ppm
0/55°C
-10/70°C
-20/70°C
-30/85°C
-40/85°C
= Can be provided.
= Under development. Please consult with factory.
= Cannot be provided.
Revision Date
Approved
Description
Sept 10, 2015
VN
Rev 0.0: VT-706 Preliminary Datasheet - Internal Verification (Factory Approval)
Sept 17, 2015
VN
Rev 0.1: VT-706 Preliminary Datasheet for Product Launch.
Sept 19, 2016
VN
Rev 0.2: Removed “Preliminary” from datasheet
Revision History



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com