Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV822 Datasheet(PDF) 3 Page - Texas Instruments

Part # LPV822
Description  650nA, Precision, Nanopower, Zero-Drift Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV822 Datasheet(HTML) 3 Page - Texas Instruments

  LPV822 Datasheet HTML 1Page - Texas Instruments LPV822 Datasheet HTML 2Page - Texas Instruments LPV822 Datasheet HTML 3Page - Texas Instruments LPV822 Datasheet HTML 4Page - Texas Instruments LPV822 Datasheet HTML 5Page - Texas Instruments LPV822 Datasheet HTML 6Page - Texas Instruments LPV822 Datasheet HTML 7Page - Texas Instruments LPV822 Datasheet HTML 8Page - Texas Instruments LPV822 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
1
OUT A
8
V+
2
±IN A
7
OUT B
3
+IN A
6
±IN B
4
V±
5
+IN B
Exposed
Thermal
Die Pad
on
Underside
3
LPV821
www.ti.com
SNOSD36A – AUGUST 2017 – REVISED DECEMBER 2017
Product Folder Links: LPV821
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6 Pin Configuration and Functions
LPV821 5-Pin SOT-23
DBV Package
Top View
LPV822 8-Pin WSON
DSG Package
Top View
Pin Functions: LPV821 DBV
PIN
I/O
DESCRIPTION
NAME
NUMBER
OUT
1
O
Output
V–
2
P
Negative (lowest) power supply
+IN
3
I
Non-Inverting Input
–IN
4
I
Inverting Input
V+
5
P
Positive (highest) power supply
Pin Functions: LPV822 DSG (Preview)
PIN
I/O
DESCRIPTION
NAME
NUMBER
OUT A
1
O
Channel A Output
-IN A
2
I
Channel A Inverting Input
+IN A
3
I
Channel A Non-Inverting Input
V-
4
P
Negative (lowest) power supply
+IN B
5
I
Channel B Non-Inverting Input
-IN B
6
I
Channel B Inverting Input
OUT B
7
O
Channel B Output
V+
8
P
Positive (highest) power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com