Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV822 Datasheet(PDF) 7 Page - Texas Instruments

Part # LPV822
Description  650nA, Precision, Nanopower, Zero-Drift Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV822 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LPV822 Datasheet HTML 3Page - Texas Instruments LPV822 Datasheet HTML 4Page - Texas Instruments LPV822 Datasheet HTML 5Page - Texas Instruments LPV822 Datasheet HTML 6Page - Texas Instruments LPV822 Datasheet HTML 7Page - Texas Instruments LPV822 Datasheet HTML 8Page - Texas Instruments LPV822 Datasheet HTML 9Page - Texas Instruments LPV822 Datasheet HTML 10Page - Texas Instruments LPV822 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Frequency (Hz)
-75
-75
-60
-60
-45
-45
-30
-30
-15
-15
0
0
15
15
30
30
45
45
60
60
75
75
90
90
105
105
120
120
10
100
1k
10k
100k
Phase
Gain
SNOS
125 °C
25 °C
-40 °C
Frequency (Hz)
-75
-75
-60
-60
-45
-45
-30
-30
-15
-15
0
0
15
15
30
30
45
45
60
60
75
75
90
90
105
105
120
120
10
100
1k
10k
100k
Phase
Gain
SNOS
125 °C
25 °C
-40 °C
Temp(C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-16
-14
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
16
Rawo
+3 V
-3 V
+6 V
-6 V
Vs (V)
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
VOSv
-40qC
25qC
125qC
Absolute VOS Drift (nV/qC)
0
3
6
9
12
15
18
21
24
27
1.8V
Absolute VOS Drift (nV/qC)
0
3
6
9
12
15
18
21
24
27
30
3.3V
7
LPV821
www.ti.com
SNOSD36A – AUGUST 2017 – REVISED DECEMBER 2017
Product Folder Links: LPV821
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, VS = 3.3 V, VCM = VOUT = VS/2, CL = 20 pF, and RL≥ 10 MΩ, unless otherwise noted.
VS = 1.8 V
N = 98 units
Figure 7. Offset Voltage Drift Distribution, Vs = 1.8 V
VS = 3.3 V
N = 98 units
Figure 8. Offset Voltage Drift Distribution, Vs = 3.3 V
VS = 3.3 V
N = 98 units
Figure 9. Offset Voltage vs Temperature, Vs = 3.3 V
TA = –40, 25,
125°C
Figure 10. Offset Voltage vs Supply Voltage
VS = 1.8 V
CL = 20 pF
TA = –40, 25, 125°C
Figure 11. Open-Loop Gain and Phase vs Frequency
VS = 3.3 V
CL = 20 pF
TA = –40, 25, 125°C
Figure 12. Open-Loop Gain and Phase vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com