Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMBUSADAPTER-XPRO Datasheet(PDF) 1 Page - Microchip Technology

Part # ATMBUSADAPTER-XPRO
Description  mikroBUS Xplained Pro
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMBUSADAPTER-XPRO Datasheet(HTML) 1 Page - Microchip Technology

  ATMBUSADAPTER-XPRO Datasheet HTML 1Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
 
 
mikroBUS Xplained Pro
Part Number: ATMBUSADAPTER-XPRO
The mikroBUS Xplained Pro is an extension Board in the Xplained Pro evaluation platform.
It is designed to demonstrate mikroBUS™ click boards with Xplained Pro MCU boards.
Features
• Adapter PCB for all mikroBUS™ Click boards
• Xplained Pro Hardware identification system using ATSHA204A.
• Jumper selection to choose voltage level +3.3V or +5V.
• External Power Header.
 
 
 
 
 
                    http://www.microchip.com/developmenttools/productdetails.aspx?partno=atmbusadapter‐xpro 5‐2‐17 


Similar Part No. - ATMBUSADAPTER-XPRO

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
ATM EATON-ATM Datasheet
796Kb / 2P
ATM blade fuses
logo
Mersen
ATM MERSEN-ATM Datasheet
89Kb / 1P
MIDGET, PC MOUNT & MINIATURE FUSES
ATM MERSEN-ATM Datasheet
401Kb / 1P
Fast-Acting Midget Fuses
logo
TOKYO KEISO CO.,LTD.
ATM KEISO-ATM Datasheet
121Kb / 2P
Averaging Temperature Sensor
Oct 2017
logo
List of Unclassifed Man...
ATM-0007 ETC2-ATM-0007 Datasheet
345Kb / 3P
ELECTRICALLY CONDUCTIVE DIE ATTACH ADHESIVE
More results

Similar Description - ATMBUSADAPTER-XPRO

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SDA555X INFINEON-SDA555X Datasheet
62Kb / 2P
TVText Pro
logo
List of Unclassifed Man...
TM2800 ETC2-TM2800 Datasheet
901Kb / 20P
2.8in PCAP Touch Module ??Atmel Xplained Configuration
logo
RF Monolithics, Inc
ZPM3570-E RFM-ZPM3570-E Datasheet
1Mb / 18P
ZigBee Pro Module
logo
List of Unclassifed Man...
STM32 ETC2-STM32 Datasheet
646Kb / 2P
EasyMx PRO
logo
Humirel
HTU21D HUMIREL-HTU21D Datasheet
0Kb / 7P
MEAS HTU21D XPLAINED PRO BOARD
logo
ATMEL Corporation
ATAN0114 ATMEL-ATAN0114 Datasheet
525Kb / 11P
Atmel QT4 Xplained Pro User Guide
SAMA5D2 ATMEL-SAMA5D2 Datasheet
2Mb / 74P
SAMA5D2 Xplained Ultra Evaluation Kit
logo
PHOENIX CONTACT
2988890 PHOENIX-2988890 Datasheet
87Kb / 3P
WEBVISIT PRO
logo
ATMEL Corporation
SAMC21 ATMEL-SAMC21 Datasheet
8Mb / 46P
SMART ARM-based Microcontrollers Xplained Pro
logo
Microchip Technology
WLR089 MICROCHIP-WLR089 Datasheet
330Kb / 2P
XPLAINED PRO EVALUATION KIT
8/20
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com