Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM163026 Datasheet(PDF) 2 Page - Microchip Technology

Part # DM163026
Description  Fully functional ultrasonic range finder with LCD display
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163026 Datasheet(HTML) 2 Page - Microchip Technology

  DM163026 Datasheet HTML 1Page - Microchip Technology DM163026 Datasheet HTML 2Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering Information
Low Power Solutions Demonstration Board
Part Number
Description
Availability
DM163026
Low Power Solutions Demonstration Board
Now
The Microchip name and logo, the Microchip logo, Accuron, dsPIC, KEELOQ, microID, MPLAB, PIC, PICmicro, PICSTART, PRO MATE, PowerSmart, rfPIC, and SmartShunt are registered
trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. AmpLab, FilterLab, MXDEV, MXLAB, PICMASTER, SEEVAL, SmartSensor and The Embedded Control Solutions
Company are registered trademarks of Microchip Technology Incorporated in the U.S.A. Analog-for-the-Digital Age, Application Maestro, dsPICDEM, dsPICDEM.net, dsPICworks, ECAN,
ECONOMONITOR, FanSense, FlexROM, fuzzyLAB, In-Circuit Serial Programming, ICSP, ICEPIC, Migratable Memory, MPASM, MPLIB, MPLINK, MPSIM, PICkit, PICDEM, PICDEM.net, PICLAB,
PICtail, PowerCal, PowerInfo, PowerMate, PowerTool, rfLAB, rfPICDEM, Select Mode, Smart Serial, SmartTel and Total Endurance are trademarks of Microchip Technology Incorporated in the
U.S.A. and other countries. SQTP is a service mark of Microchip Technology Incorporated in the U.S.A. All other trademarks mentioned herein are property of their respective companies.
© 2004, Microchip Technology Incorporated, Printed in the U.S.A., All Rights Reserved. 11/04
DS51521A
*DS51521A*
Microchip Technology Inc. • 2355 W. Chandler Blvd. • Chandler, AZ 85224-6199 USA • (480) 792-7200 • FAX (480) 792-7277
Development Tools from Microchip
MPLAB®IDE
Integrated Development Environment (IDE)
MPASM™ Assembler
Universal PICmicro®Macro-Assembler
MPLINK™ Linker/MPLIB™ Librarian
Linker/Librarian
MPLAB SIM Simulator
Software Simulator
MPLAB C18
C Compiler for PIC18CXXX MCUs
MPLAB C30
C Compiler for dsPIC30F MCUs
PICkit™ 1
Flash Starter Kit
MPLAB ICD 2
In-Circuit Debugger
MPLAB ICE 2000
Full-featured Modular In-Circuit Emulator for PIC12, PIC16 and PIC18 MCUs
MPLAB ICE 4000
Full-featured Modular In-Circuit Emulator for PIC18 and dsPIC MCUs
PICSTART® Plus Programmer
Entry-level Development Kit with Programmer
MPLAB PM3 Device Programmer
Full-featured, Modular Device Programmer
KEELOQ®Evaluation Kit
Encoder/Decoder Evaluator
micro
ID®Developer’s Kit
125 kHz and 13.56 MHz RFID Development Tools
Americas
Atlanta
(770) 640-0034
Boston
(978) 692-3848
Chicago
(630) 285-0071
Dallas
(972) 818-7423
Detroit
(248) 538-2250
Kokomo
(765) 864-8360
Los Angeles
(949) 462-9523
Phoenix
(480) 792-7200
San Jose
(650) 215-1444
Toronto
(905) 673-0699
Asia/Pacific
Australia - Sydney
61-2-9868-6733
China - Beijing
86-10-8528-2100
China - Chengdu
86-28-8676-6200
China - Fuzhou
86-591-8750-3506
China - Hong Kong SAR
852-2401-1200
China - Qingdao
86-532-502-7355
China - Shanghai
86-21-5407-5533
China - Shenyang
86-24-2334-2829
China - Shenzhen
86-755-8203-2660
China - Shunde
86-757-2839-5507
India - Bangalore
91-80-2229-0061
Japan - Kanagawa
81-45-471-6166
Korea - Seoul
82-2-554-7200
Singapore
65-6334-8870
Taiwan - Taipei
886-2-2500-6610
Taiwan - Kaohsiung
886-7-536-4818
Taiwan - Hsinchu
886-3-572-9526
Europe
Austria - Weis
43-7242-2244-399
Denmark - Ballerup
45-4420-9895
France - Massy
33-1-69-53-63-20
Germany - Ismaning
49-89-627-144-0
Italy - Milan
39-0331-742611
Netherlands - Drunen
31-416-690399
England - Berkshire
44-118-921-5869
As of 10/19/04



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com