Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM163026 Datasheet(PDF) 1 Page - Microchip Technology

Part # DM163026
Description  Fully functional ultrasonic range finder with LCD display
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163026 Datasheet(HTML) 1 Page - Microchip Technology

  DM163026 Datasheet HTML 1Page - Microchip Technology DM163026 Datasheet HTML 2Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
M i c r o c h i p T e c h n o l o g y I n c o r p o r a t e d
Summary
The Low Power Solutions Demonstration board provides
designers a convenient and fun way to explore
PICmicro® nanoWatt features within a functional
ultrasonic range-finder application. It features the
PIC18F4620, Microchip Technology's latest power
managed device.
The development tool is ideal for learning nanoWatt
features and implementing system power reduction
techniques. The Low Power Solutions Demonstration
board is part of the Workshop-in-a-Box 2, a complete
nanoWatt training kit designed for self-paced and
instructor-led training.
The Low Power Solutions Demonstration board CD
includes three self-paced, step-by-step lab exercises,
using the PIC18F4620, which illustrate the following
concepts: nanoWatt features to reduce power
consumption, improving system power consumption
and improving board performance.
Features
· Fully functional ultrasonic range finder with LCD
display (PCB also supports four 7-segment LEDs)
· DC boost circuit
· USART
· Connector for MPLAB® ICD 2 In-Circuit Debugger
· Two power supply options: 9V power supply or 9V
battery
· Test points to measure system and PICmicro
power consumption via current meter
· Three switches for input and a reset switch and
2 LEDs
· Microchip TC1047A Temperature Sensor
· In-Circuit Debugger (ICD) connector for
programming via In-Circuit Serial Programming™
(ICSP™) technology or developing with the MPLAB
ICD 2
Low Power Solutions Demonstration Board
Package Contents
· Low Power Solutions Demonstration Board
preprogrammed with functional range finder code
· CD with user's guide, sample code written for the
MPLAB C18 Compiler and three step-by-step labs
illustrating nanoWatt features
Host System Requirements
· PC-compatible system with a Intel Pentium®
class or higher processor, or equivalent
· A minimum of 32 MB RAM
· A minimum of 40 MB available hard drive space
· CD-ROM drive (for use with the accompanying
CD)
· Available serial port
· Microsoft Windows®95/98, Windows NT®,
Windows 2000 or Windows XP


Similar Part No. - DM163026

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DM163022 MICROCHIP-DM163022 Datasheet
4Mb / 2P
MPLAB ICD 2 In-Circuit Debugger/Programmer
9/1/03
More results

Similar Description - DM163026

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
DT100 EXTECH-DT100 Datasheet
147Kb / 8P
Ultrasonic Distance Finder
logo
National Semiconductor ...
LM5006 NSC-LM5006 Datasheet
526Kb / 14P
Evaluation Board provides the design engineer with a fully functional
LM25119 NSC-LM25119 Datasheet
1Mb / 10P
Evaluation Board provides the design engineer with a fully functional
LM34919B NSC-LM34919B_1 Datasheet
647Kb / 12P
Evaluation Board provides the design engineer with a fully functional
logo
List of Unclassifed Man...
IWPC-408-AX ETC2-IWPC-408-AX Datasheet
903Kb / 2P
8"TFT LCD with fully functional OSD
logo
Espros Photonics corp
EPC600 EPC-EPC600 Datasheet
650Kb / 30P
Time-of-flight range-finder chip
logo
List of Unclassifed Man...
SRF02 ETC2-SRF02 Datasheet
129Kb / 8P
Ultrasonic range finder
logo
DATEL, Inc.
PM-35LC-ADV DATEL-PM-35LC-ADV Datasheet
548Kb / 7P
LCD Display Digital Panel Meters with Fully-Adjustable Analog Inputs
logo
List of Unclassifed Man...
MB1000 ETC1-MB1000 Datasheet
1Mb / 12P
High Performance Sonar Range Finder
logo
Logic Fruit Technologie...
SMFD LFTECH-SMFD Datasheet
190Kb / 2P
Smart Multi-Functional Display (SMFD)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com