Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM320016 Datasheet(PDF) 4 Page - Microchip Technology

Part # DM320016
Description  PCAP Touch Pad Development Kit with Gestures Product Brief
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM320016 Datasheet(HTML) 4 Page - Microchip Technology

  DM320016 Datasheet HTML 1Page - Microchip Technology DM320016 Datasheet HTML 2Page - Microchip Technology DM320016 Datasheet HTML 3Page - Microchip Technology DM320016 Datasheet HTML 4Page - Microchip Technology DM320016 Datasheet HTML 5Page - Microchip Technology DM320016 Datasheet HTML 6Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TABLE 1:
BILL OF MATERIALS/ASSEMBLY
No.
Designator
Quantity
Description
OEM
Source
Distributor
$
ea.
$
Total
Equiv.
Allowed
Manufacturer
Part number
Part No.
1
B1
1
Holder Battery AAA SMD Dual Keystone Electronics
1022
0.000
√
2
C1, C2, C3,
C6, C9
5
CAP CER 10 uF 6.3V 20%
X5R 0603
TDK Corporation
C1608X5R0J106M
0.000
√
3
C4, C5, C7
3
CAP CER 0.1 uF 50V 10%
X7R 0603
Murata Electronics
North America
GCM188R71H104-
KA57D
0.000
√
4
C8, C10, C11,
C12, C13,
C14, C15,
C16, C17
9
CAP CER 1 uF 10V 10% X5R
0603
Murata Electronics
North America
GRM188R61A105-
KA61D
0.000
√
5
PGM, PKS
2
CONN Female 6 Pos. 100" r/a
TIN
Sullins Connector
Solutions
PPTC061LGBN-RC
0.000
√
6
LCD1
1
LCD Graphic Display Modules
& Accessories FSTN(+)
Transflectv White Background
ELECTRONIC
ASSEMBLY
EA DOGL128W-6
0.000
7
R1
1
RES 47 K
 1/10W 5% 0603
SMD
Panasonic – ECG
ERJ-3GEYJ473V
0.000
√
8
R3
1
RES 20 K
 1/10W 5% 0603
SMD
Panasonic – ECG
ERJ-3GEYJ203V
0.000
√
9
R5
1
RES 100
 1/10W 5% 0603
SMD
Panasonic – ECG
ERJ-3GEYJ101V
0.000
√
10
SW1, SW2
2
Switch Slide SPDT Low Prof
SMD
Copal Electronics Inc.
CUS-12TB
0.000
√
11
U1
1
IC MCU 32-bit 32-Kb Flash 44
TQFP
Microchip Technology
MTCH6301-I/PT
0.000
12
U2
1
IC REG LDO 3.3V 250 mA
SOT-23A
Microchip Technology
MCP1703T-3302E/CB
0.000
13
U4
1
IC Mult Config 3.3/5V 12A 8
MSOP
Microchip Technology
MCP1253T-33X50I/MS
0.000
14
LENS
1
0.060" Clear Acrylic with 3M
7952 MP Adhesive Back,
2.36x3.06’’
0.000
√
15
BATTERY
2
2xAAA Batteries
ENERGIZER
AAA
0.000
√



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com