Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM320016 Datasheet(PDF) 1 Page - Microchip Technology

Part # DM320016
Description  PCAP Touch Pad Development Kit with Gestures Product Brief
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM320016 Datasheet(HTML) 1 Page - Microchip Technology

  DM320016 Datasheet HTML 1Page - Microchip Technology DM320016 Datasheet HTML 2Page - Microchip Technology DM320016 Datasheet HTML 3Page - Microchip Technology DM320016 Datasheet HTML 4Page - Microchip Technology DM320016 Datasheet HTML 5Page - Microchip Technology DM320016 Datasheet HTML 6Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
 2014 Microchip Technology Inc.
Advance Information
DS40001739A-page 1
INTRODUCTION
Microchip’s
Projected
Capacitive
Touch
Pad
Development Kit with Gestures showcases the high
performance and the flexible design of Microchip’s
MTCH6301 projected capacitive touch controller. This
development kit also allows designers to test
functionality, including multi-touch and gestures.
After connecting to a PC with the included PICkit™
Serial Analyzer (PKSA), developers may also interact
with the MTCH6301 user parameters through the
Projected Capacitive Configuration Utility (PCU), GUI
program. For this program and more information about
Microchip’s
touch
portfolio,
please
visit
www.microchip.com/mTouch.
DEVELOPMENT KIT FEATURES
• Includes a modified MTCH6301 to provide touch
input and also drive the dot-matrix LCD
• Multi-touch detection up to eight touches
• Microchip’s CVD capacitive sensing method
• Sleep with wake-on-touch
• Dual-touch drawing
• Single-touch gestures
• PCU software allows observation of signals and
tuning of firmware parameters
BASIC REQUIREMENTS
• Two AAA Batteries
• 32- or 64-bit Windows® XP or Windows 7
development environment
• PICkit Serial Analyzer (Included):
- Updated with PKSpCap406.hex
• USB mini Cable (Included)
• Male 6-pin Connector (Included)
• PCU, v 2.03 or later (available from the
DM320016 device page).
GETTING STARTED
There are two switches mounted on the board: switch
SW1 toggles the power and switch SW2 selects the
Demo or Development mode. The included PKSA has
been programmed to function as a USB-to-I2C™
communication bridge. The PKSA is necessary to
communicate with the development software, PCU.
DEMO MODE OPERATION
This mode is intended for stand-alone use to
demonstrate the gestures and multi-touch capabilities
of
Microchip’s
MTCH6301
projected
capacitive
controller. Toggle SW1 to ON and toggle SW2 to
DEMO to use the Demo mode. The display will provide
visual feedback, as the touch pad area is activated with
a finger.
Single or Two-finger Draw
Draw on the touch pad and see the fully-processed
touch coordinates on the display. Performing a double-
tap gesture will clear the display.
Sleep Mode
The device will automatically go into Sleep mode after
eight seconds of inactivity (see Figure 1).
FIGURE 1:
SLEEP MODE
Mini Map
The Mini Map displays the finger location and the
number of touches detected (see Figure 2).
FIGURE 2:
MINI MAP
Note:
Demo mode is for stand-alone use. The
PC software, GUI, will not connect to the
device while in this mode.
DM320016 – PCAP Touch Pad Development Kit with
Gestures Product Brief
DM320016


Similar Part No. - DM320016

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DM320003-3 MICROCHIP-DM320003-3 Datasheet
531Kb / 33P
USB Starter Kit III User’s Guide
08/20/13
More results

Similar Description - DM320016

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TM2801 ETC2-TM2801 Datasheet
953Kb / 20P
2.8in PCAP Touch Module
logo
Glenair, Inc.
050_315 GLENAIR-050_315 Datasheet
495Kb / 15P
PRODUCT BRIEF
050_316 GLENAIR-050_316 Datasheet
474Kb / 15P
PRODUCT BRIEF
050_317 GLENAIR-050_317 Datasheet
497Kb / 15P
PRODUCT BRIEF
050_319 GLENAIR-050_319 Datasheet
481Kb / 15P
PRODUCT BRIEF
050_320 GLENAIR-050_320 Datasheet
487Kb / 15P
PRODUCT BRIEF
050_321 GLENAIR-050_321 Datasheet
481Kb / 15P
PRODUCT BRIEF
050_327 GLENAIR-050_327 Datasheet
519Kb / 15P
PRODUCT BRIEF
050_328 GLENAIR-050_328 Datasheet
501Kb / 15P
PRODUCT BRIEF
logo
Asahi Kasei Microsystem...
AK4187 AKM-AK4187 Datasheet
448Kb / 36P
Touch Screen Controller for Dual Touch Gestures
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com